Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD64F2145 Datasheet(PDF) 75 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 71Page - Renesas Technology Corp HD64F2145 Datasheet HTML 72Page - Renesas Technology Corp HD64F2145 Datasheet HTML 73Page - Renesas Technology Corp HD64F2145 Datasheet HTML 74Page - Renesas Technology Corp HD64F2145 Datasheet HTML 75Page - Renesas Technology Corp HD64F2145 Datasheet HTML 76Page - Renesas Technology Corp HD64F2145 Datasheet HTML 77Page - Renesas Technology Corp HD64F2145 Datasheet HTML 78Page - Renesas Technology Corp HD64F2145 Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 829 page
background image
Rev. 2.0, 08/02, page 35 of 788
2.4.1
General Registers
The H8S/2000 CPU has eight 32-bit general registers. These general registers are all functionally
alike and can be used as both address registers and data registers. When a general register is used
as a data register, it can be accessed as a 32-bit, 16-bit, or 8-bit register. Figure 2.7 illustrates the
usage of the general registers.
When the general registers are used as 32-bit registers or address registers, they are designated by
the letters ER (ER0 to ER7).
When the general registers are used as 16-bit registers, the ER registers are divided into 16-bit
general registers designated by the letters E (E0 to E7) and R (R0 to R7). These registers are
functionally equivalent, providing a maximum sixteen 16-bit registers. The E registers (E0 to E7)
are also referred to as extended registers.
When the general registers are used as 8-bit registers, the R registers are divided into 8-bit general
registers designated by the letters RH (R0H to R7H) and RL (R0L to R7L). These registers are
functionally equivalent, providing a maximum sixteen 8-bit registers.
The usage of each register can be selected independently.
General register ER7 has the function of the stack pointer (SP) in addition to its general-register
function, and is used implicitly in exception handling and subroutine calls. Figure 2.8 shows the
stack.
• Address registers
• 32-bit registers
• 16-bit registers
• 8-bit registers
ER registers
(ER0 to ER7)
E registers (extended registers)
(E0 to E7)
R registers
(R0 to R7)
RH registers
(R0H to R7H)
RL registers
(R0L to R7L)
Figure 2.7 Usage of General Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com