Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD64F2145 Datasheet(PDF) 96 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 96 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 92Page - Renesas Technology Corp HD64F2145 Datasheet HTML 93Page - Renesas Technology Corp HD64F2145 Datasheet HTML 94Page - Renesas Technology Corp HD64F2145 Datasheet HTML 95Page - Renesas Technology Corp HD64F2145 Datasheet HTML 96Page - Renesas Technology Corp HD64F2145 Datasheet HTML 97Page - Renesas Technology Corp HD64F2145 Datasheet HTML 98Page - Renesas Technology Corp HD64F2145 Datasheet HTML 99Page - Renesas Technology Corp HD64F2145 Datasheet HTML 100Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 829 page
background image
Rev. 2.0, 08/02, page 56 of 788
2.7.9
Effective Address Calculation
Table 2.13 indicates how effective addresses are calculated in each addressing mode. In normal
mode, the upper 8 bits of the effective address are ignored in order to generate a 16-bit address.
Table 2.13
Effective Address Calculation (1)
No
1
Offset
1
2
4
r
op
31
0
31
23
2
3
Register indirect with displacement
@(d:16,ERn) or @(d:32,ERn)
4
r
op
disp
r
op
rm
op
rn
31
0
31
0
r
op
Don't care
31
23
31
0
Don't care
31
0
disp
31
0
31
0
31
23
31
0
Don't care
31
23
31
0
Don't care
24
24
24
24
Addressing Mode and Instruction Format
Effective Address Calculation
Effective Address (EA)
Register direct (Rn)
General register contents
General register contents
General register contents
General register contents
Sign extension
Register indirect (@ERn)
Register indirect with post-increment or
pre-decrement
• Register indirect with post-increment @ERn+
• Register indirect with pre-decrement @-ERn
1, 2, or 4
1, 2, or 4
Operand Size
Byte
Word
Longword
Operand is general register contents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com