Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD64F2145 Datasheet(PDF) 94 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 94 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 90Page - Renesas Technology Corp HD64F2145 Datasheet HTML 91Page - Renesas Technology Corp HD64F2145 Datasheet HTML 92Page - Renesas Technology Corp HD64F2145 Datasheet HTML 93Page - Renesas Technology Corp HD64F2145 Datasheet HTML 94Page - Renesas Technology Corp HD64F2145 Datasheet HTML 95Page - Renesas Technology Corp HD64F2145 Datasheet HTML 96Page - Renesas Technology Corp HD64F2145 Datasheet HTML 97Page - Renesas Technology Corp HD64F2145 Datasheet HTML 98Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 829 page
background image
Rev. 2.0, 08/02, page 54 of 788
A 24-bit absolute address (@aa:24) indicates the address of a program instruction. The upper 8
bits are all assumed to be 0 (H'00).
Table 2.12
Absolute Address Access Ranges
Absolute Address
Normal Mode
Advanced Mode
8 bits (@aa:8)
H'FF00 to H'FFFF
H'FFFF00 to H'FFFFFF
16 bits (@aa:16)
H'000000 to H'007FFF,
H'FF8000 to H'FFFFFF
Data address
32 bits (@aa:32)
Program instruction
address
24 bits (@aa:24)
H'0000 to H'FFFF
H'000000 to H'FFFFFF
2.7.6
Immediate—#xx:8, #xx:16, or #xx:32
The 8-bit (#xx:8), 16-bit (#xx:16), or 32-bit (#xx:32) immediate data contained in an instruction
code can be used directly as an operand.
The ADDS, SUBS, INC, and DEC instructions implicitly contain immediate data in their
instruction codes. Some bit manipulation instructions contain 3-bit immediate data in the
instruction code, specifying a bit number. The TRAPA instruction contains 2-bit immediate data
in its instruction code, specifying a vector address.
2.7.7
Program-Counter Relative—@(d:8, PC) or @(d:16, PC)
This mode can be used by the Bcc and BSR instructions. An 8-bit or 16-bit displacement
contained in the instruction code is sign-extended to 24 bits and added to the 24-bit address
indicated by the PC value to generate a 24-bit branch address. Only the lower 24 bits of this
branch address are valid; the upper 8 bits are all assumed to be 0 (H'00). The PC value to which
the displacement is added is the address of the first byte of the next instruction, so the possible
branching range is –126 to +128 bytes (–63 to +64 words) or –32766 to +32768 bytes (–16383 to
+16384 words) from the branch instruction. The resulting value should be an even number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com