Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD64F2145 Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 55Page - Renesas Technology Corp HD64F2145 Datasheet HTML 56Page - Renesas Technology Corp HD64F2145 Datasheet HTML 57Page - Renesas Technology Corp HD64F2145 Datasheet HTML 58Page - Renesas Technology Corp HD64F2145 Datasheet HTML 59Page - Renesas Technology Corp HD64F2145 Datasheet HTML 60Page - Renesas Technology Corp HD64F2145 Datasheet HTML 61Page - Renesas Technology Corp HD64F2145 Datasheet HTML 62Page - Renesas Technology Corp HD64F2145 Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 829 page
background image
Rev. 2.0, 08/02, page 19 of 788
Pin No.
Type
Symbol
FP-100B,
TFP-100B TFP-144 I/O
Name and Function
A23 to A16 10, 11, 20,
21, 30, 31,
47, 48
33, 34,
35, 37,
38, 39,
40, 41
Output Address output pins when 16-Mbyte space
is used.
Address
bus
A15 to A0
60 to 67,
72 to 79
96 to
110, 112
Output Address output pins
D15 to D8
89 to 82
128 to
121
Input/
output
Bidirectional data bus for upper byte of 16-
bit data.
Data bus
D7 to D0
57, 58, 68,
69, 80, 81,
90, 91
113 to
120
Input/
output
Bidirectional data bus for lower byte of 16-
bit data.
:$,7
16
17
Input
Requests insertion of a wait state in the
bus cycle when accessing external 3-state
address space.
5'
22
21
Output When this pin is low, it indicates that the
external address space is being read.
+:5
19
20
Output When this pin is low, it indicates that the
external address space is being written to.
The upper half of the data bus is valid.
/:5
25
24
Output When this pin is low, it indicates that the
external address space is being written to.
The lower half of the data bus is valid.
Bus
control
$6/,26
18
19
Output When this pin is low, it indicates that
address output on the address bus is valid.
NMI
7
11
Input
Input pin for a nonmaskable interrupt
request.
Interrupt
signals
,543 to
,54:
23 to 25,
97 to 99,
34, 35
22 to 24,
133 to
135, 84,
85
Input
These pins request a maskable interrupt.
FTCI
26
78
Input
The counter clock input pin.
FTOA
27
79
Output The output compare A output pin.
FTOB
34
84
Output The output compare B output pin.
16-bit
free-
running
timer
(FRT)
FTIA
28
80
Input
The input capture A input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com