Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD64F2145 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 16Page - Renesas Technology Corp HD64F2145 Datasheet HTML 17Page - Renesas Technology Corp HD64F2145 Datasheet HTML 18Page - Renesas Technology Corp HD64F2145 Datasheet HTML 19Page - Renesas Technology Corp HD64F2145 Datasheet HTML 20Page - Renesas Technology Corp HD64F2145 Datasheet HTML 21Page - Renesas Technology Corp HD64F2145 Datasheet HTML 22Page - Renesas Technology Corp HD64F2145 Datasheet HTML 23Page - Renesas Technology Corp HD64F2145 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 829 page
background image
Rev. 2.0, 08/02, page xviii of xxxviii
17.4.8 KCLK Fall Interrupt Operation............................................................................480
17.5
Usage Notes.......................................................................................................................481
17.5.1 KBIOE Setting and KCLK Falling Edge Detection .............................................481
17.5.2 Module Stop Mode Setting ..................................................................................481
Section 18 Host Interface X-Bus Interface (XBS) ............................................ 483
18.1
Features .............................................................................................................................483
18.2
Input/Output Pins ..............................................................................................................485
18.3
Register Descriptions ........................................................................................................486
18.3.1 System Control Register 2 (SYSCR2) .................................................................486
18.3.2 Host Interface Control Register (HICR) Host Interface Control Register 2
(HICR2)................................................................................................................488
18.3.3 Input Data Register (IDR) ....................................................................................491
18.3.4 Output Data Register 1 (ODR).............................................................................491
18.3.5 Status Register (STR)...........................................................................................492
18.4
Operation...........................................................................................................................493
18.4.1 Host Interface Activation .....................................................................................493
18.4.2 Control States .......................................................................................................495
18.4.3 A20 Gate ..............................................................................................................495
18.4.4 Host Interface Pin Shutdown Function ................................................................497
18.5
Interrupt Sources ...............................................................................................................499
18.5.1 IBF1, IBF2, IBF3, and IBF4 ................................................................................499
18.5.2 HIRQ11, HIRQ1, HIRQ12, HIRQ3, and HIRQ4 ................................................499
18.6
Usage Notes.......................................................................................................................501
18.6.1 Note on Host Interface .........................................................................................501
18.6.2 Module Stop Mode Setting ..................................................................................501
Section 19 Host Interface LPC Interface (LPC)................................................ 503
19.1
Features .............................................................................................................................503
19.2
Input/Output Pins ..............................................................................................................505
19.3
Register Descriptions ........................................................................................................506
19.3.1 Host Interface Control Registers 0 and 1 (HICR0, HICR1).................................507
19.3.2 Host Interface Control Registers 2 and 3 (HICR2, HICR3).................................514
19.3.3 LPC Channel 3 Address Register (LADR3) ........................................................517
19.3.4 Input Data Registers 1 to 3 (IDR1 to IDR3).........................................................518
19.3.5 Output Data Registers 1 to 3 (ODR1 to ODR3)...................................................519
19.3.6 Bidirectional Data Registers 0 to 15 (TWR0 to TWR15) ....................................529
19.3.7 Status Registers 1 to 3 (STR1 to STR3)...............................................................520
19.3.8 SERIRQ Control Registers 0 and 1 (SIRQCR0, SIRQCR1)................................527
19.3.9 Host Interface Select Register (HISEL) ...............................................................535
19.4
Operation...........................................................................................................................536
19.4.1 Host Interface Activation .....................................................................................536
19.4.2 LPC I/O Cycles ....................................................................................................537



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com