Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD64F2145 Datasheet(PDF) 63 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 63 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 59Page - Renesas Technology Corp HD64F2145 Datasheet HTML 60Page - Renesas Technology Corp HD64F2145 Datasheet HTML 61Page - Renesas Technology Corp HD64F2145 Datasheet HTML 62Page - Renesas Technology Corp HD64F2145 Datasheet HTML 63Page - Renesas Technology Corp HD64F2145 Datasheet HTML 64Page - Renesas Technology Corp HD64F2145 Datasheet HTML 65Page - Renesas Technology Corp HD64F2145 Datasheet HTML 66Page - Renesas Technology Corp HD64F2145 Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 829 page
background image
Rev. 2.0, 08/02, page 23 of 788
Pin No.
Type
Symbol
FP-100B,
TFP-100B TFP-144 I/O
Name and Function
AVCC
37
76
Input
The analog power supply pin for the A/D
converter and D/A converter.
When the A/D and D/A converters are not
used, this pin should be connected to the
system power supply (+3 V).
AVref
36
77
Input
The reference power supply pin for the A/D
converter and D/A converter.
When the A/D and D/A converters are not
used, this pin should be connected to the
system power supply (+3 V).
A/D
converter
D/A
converter
AVSS
46
67
Input
The ground pin for the A/D converter and
D/A converter. This pin should be
connected to the system power supply
(0 V).
VSYNCI
HSYNCI
CSYNCI
VFBACKI
HFBACKI
28
52
54
29
26
80
2
4
81
78
Input
Timer connection synchronous signal input
pins.
Timer
connec-
tion
VSYNCO
HSYNCO
CLAMPO
CBLANK
27
53
32
60
79
3
82
96
Output Timer connection synchronous signal
output pins.
SCL0
SCL1
12
99
14
135
Input/
Output
I
2C clock I/O pins. The output type is
NMOS open-drain output.
I
2C bus
interface
(IIC)
SDA0
SDA1
16
51
17
138
Input/
Output
I
2C data I/O pins. The output type is NMOS
open-drain output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com