Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMCS1100A2 Datasheet(PDF) 14 Page - Texas Instruments

Part # TMCS1100A2
Description  TMCS1100 High-Precision, Isolated Current Sensor With External Reference
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMCS1100A2 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMCS1100A2 Datasheet HTML 10Page - Texas Instruments TMCS1100A2 Datasheet HTML 11Page - Texas Instruments TMCS1100A2 Datasheet HTML 12Page - Texas Instruments TMCS1100A2 Datasheet HTML 13Page - Texas Instruments TMCS1100A2 Datasheet HTML 14Page - Texas Instruments TMCS1100A2 Datasheet HTML 15Page - Texas Instruments TMCS1100A2 Datasheet HTML 16Page - Texas Instruments TMCS1100A2 Datasheet HTML 17Page - Texas Instruments TMCS1100A2 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
Time (Ps)
0
10
20
30
40
0
0.5
1
1.5
2
2.5
3
1
2
3
4
5
6
0
D014
Time (s)
0
-5
0.5
-4
1
-3
1.5
-2
2
-1
2.5
0
3
1
3.5
2
4
3
4.5
4
5
5
5.5
6
0
.00005
.0001
.00015
.0002
.00025
D005
Output Voltage
Input Current
14
TMCS1100
SBOS820 – SEPTEMBER 2019
www.ti.com
Product Folder Links: TMCS1100
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Feature Description (continued)
9.3.3.2 Transient Response
The TMCS1100 signal chain is a discrete time-sampled system with a typical sampling frequency of 250 kHz.
Any variation in the input current signal over this sampling period is averaged. As such, the device has an
effective Nyquist frequency of 125 kHz. At the end of each integration cycle, the signal propagates through the
remainder of the signal chain to the output. Depending on the alignment of a change in input current relative to
the sampling window, the output might not settle to the final signal until the second integration cycle. Figure 5
shows a typical output waveform response to ramp and step input currents. For a slowly varying input current
signal, the output is a discrete time representation with a phase delay of the integration sampling window.
Figure 5. Precision Signal-Chain Response Behavior
Transient response to an input current step is critical for overcurrent of fault-condition detection. As a result of the
TMCS1100 discrete time signal chain, the transient response to step input events varies depending on the
relative timing of the event to the sampling window. Figure 6 shows two transient waveforms to an input-current
step event, but occurring at different times during the sampling interval. With Vout1, the event occurs near the
beginning of the 4-µs sampling interval, so more of the high-current signal is averaged into the first 4-µs output
value. If the event occurs closer to the end of the sampling interval, as with Vout2, the initial output response is
smaller, but occurs closer to the input current step. In both cases, the full transition of the output takes two
sampling intervals to reach the final output value. The timing of the current event relative to the sampling window
determines the proportional amplitude of the first and second sampling intervals.
Figure 6. Transient Response to Input-Current Step Sufficient for 1-V Output Swing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com