Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMCS1100A2 Datasheet(PDF) 19 Page - Texas Instruments

Part # TMCS1100A2
Description  TMCS1100 High-Precision, Isolated Current Sensor With External Reference
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMCS1100A2 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TMCS1100A2 Datasheet HTML 15Page - Texas Instruments TMCS1100A2 Datasheet HTML 16Page - Texas Instruments TMCS1100A2 Datasheet HTML 17Page - Texas Instruments TMCS1100A2 Datasheet HTML 18Page - Texas Instruments TMCS1100A2 Datasheet HTML 19Page - Texas Instruments TMCS1100A2 Datasheet HTML 20Page - Texas Instruments TMCS1100A2 Datasheet HTML 21Page - Texas Instruments TMCS1100A2 Datasheet HTML 22Page - Texas Instruments TMCS1100A2 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
Input Current (A)
0
5
10
15
20
25
0
1
2
3
4
5
6
7
8
9
10
D007
RSS Error, 25°C
566 (UURU ±
ƒ& WR
ƒ&
OS, T
REF
EXT
2
2
2
2
2
RSS, T
I
PSRR
CMRR
V
B
S, T
NL
e
(%)
e
e
e
e
e
e
e
'
'
'
OS
REF
EXT
2
2
2
2
2
RSS
I
PSRR
CMRR
V
B
S
NL
e
(%)
e
e
e
e
e
e
e
19
TMCS1100
www.ti.com
SBOS820 – SEPTEMBER 2019
Product Folder Links: TMCS1100
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Application Information (continued)
Because the statistical probability of any device actually existing in this worst case corner is insignificant, a better
methodology is to use a root sum squared (RSS) calculation for uncorrelated error sources. This method takes
into account the statistically uncorrelated nature of the individual error terms to provide a more realistic total error
based on the distributions of each error component. For the TMCS1100, only the input referred offset current
(IOS), CMRR, and PSRR are statistically correlated. These error terms are lumped in an RSS calculation in order
to reflect this nature, as shown in Equation 24 for room temperature and Equation 25 for across a given
temperature range.
(24)
(25)
The total error calculation has a strong dependence on the actual input current; therefore, always calculate total
error across the dynamic range that is required. These curves asymptotically approach the sensitivity and
nonlinearity error at high current levels, and approach infinity at low current levels because of error terms with
input current in the denominator. Key figures of merit for any current-measurement system include the total error
percentage at full-scale current, as well as the dynamic range of input current over which the error remains below
some key level. Figure 9 illustrates the total RSS error as a function of input current for a TMCS1100A2 at room
temperature and across the full temperature range with VS of 5 V.
Figure 9. RSS Error vs Input Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com