Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMCS1100A2 Datasheet(PDF) 16 Page - Texas Instruments

Part # TMCS1100A2
Description  TMCS1100 High-Precision, Isolated Current Sensor With External Reference
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMCS1100A2 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMCS1100A2 Datasheet HTML 12Page - Texas Instruments TMCS1100A2 Datasheet HTML 13Page - Texas Instruments TMCS1100A2 Datasheet HTML 14Page - Texas Instruments TMCS1100A2 Datasheet HTML 15Page - Texas Instruments TMCS1100A2 Datasheet HTML 16Page - Texas Instruments TMCS1100A2 Datasheet HTML 17Page - Texas Instruments TMCS1100A2 Datasheet HTML 18Page - Texas Instruments TMCS1100A2 Datasheet HTML 19Page - Texas Instruments TMCS1100A2 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
16
TMCS1100
SBOS820 – SEPTEMBER 2019
www.ti.com
Product Folder Links: TMCS1100
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Feature Description (continued)
9.3.5 Current-Sensing Measurable Ranges
The TMCS1100 can be configured to allow for bidirectional or unidirectional measurable current ranges based on
the external voltage on the VREF pin. The output voltage is a first-order linear function of the input current, as
shown in Equation 1, and is only limited by VOUT swing to either supply or ground. Linear output swing range to
both VS and GND is calculated by equations Equation 11 and Equation 12.
VOUT,max = VS – SwingVS
(11)
VOUT,min = SwingGND
(12)
Rearranging the transfer function of the device to solve for input current, and substituting VOUT,max and VOUT,min
yields the maximum and minimum measurable input current ranges as shown in Equation 13 and Equation 14.
IIN,MAX+ = (VOUT,max – VREF) / S
(13)
IIN,MAX- = (VREF – VOUT,min) / S
where
•
IIN,MAX+ is the maximum linear measurable positive input current.
•
IIN,MAX- is the maximum linear measurable negative input current.
•
S is the sensitivity of the device variant.
(14)
Setting VREF to the middle of the output swing range provides bidirectional measurement capability, whereas
setting VREF close to the ground provides a unidirectional measurement. Custom ranges with nonuniform positive
and negative input current ranges can be achieved by appropriately scaling the VREF potential relative to the full
output voltage range.
9.4 Device Functional Modes
9.4.1 Power-Down Mode
As a result of the inherent galvanic isolation of the device, very little consideration must be paid to powering
down the device, as long as the limits in the Absolute Maximum Ratings table are not exceeded on any pins. The
isolated current input and the low-voltage signal chain can be decoupled in operational behavior, as either can be
energized with the other shut down, as long as the isolation barrier capabilities are not exceeded. The low-
voltage power supply can be powered down while the isolated input is still connected to an active high-voltage
signal or system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com