Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMCS1100A2 Datasheet(PDF) 20 Page - Texas Instruments

Part # TMCS1100A2
Description  TMCS1100 High-Precision, Isolated Current Sensor With External Reference
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMCS1100A2 Datasheet(HTML) 20 Page - Texas Instruments

Back Button TMCS1100A2 Datasheet HTML 16Page - Texas Instruments TMCS1100A2 Datasheet HTML 17Page - Texas Instruments TMCS1100A2 Datasheet HTML 18Page - Texas Instruments TMCS1100A2 Datasheet HTML 19Page - Texas Instruments TMCS1100A2 Datasheet HTML 20Page - Texas Instruments TMCS1100A2 Datasheet HTML 21Page - Texas Instruments TMCS1100A2 Datasheet HTML 22Page - Texas Instruments TMCS1100A2 Datasheet HTML 23Page - Texas Instruments TMCS1100A2 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 35 page
background image
OS
REF
EXT
2
2
2
2
2
RSS
I
PSRR
CMRR
V
B
S
NL
e
(%)
e
e
e
e
e
e
e
OS
REF
EXT
worst
I
PSRR
CMRR
V
B
S
NL
e
(%)
e
e
e
e
e
e
e
EXT
EXT
B
IN
B
G
e
(%)
I
REF
S
REF
V
IN
V
RVRR
(V
)
2
S
e
(%)
I
u
S
PSRR
IN
PSRR * (V
5)
e
(%)
I
CM
CMRR
IN
CMRR * V
e
(%)
I
OS
OS
I
IN
I
e
(%)
I
20
TMCS1100
SBOS820 – SEPTEMBER 2019
www.ti.com
Product Folder Links: TMCS1100
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Application Information (continued)
10.1.1.1 Room Temperature Error Calculations
For room-temperature total-error calculations, specifications across temperature and drift are ignored. As an
example, consider a TMCS1100A2 with a supply voltage (VS) of 3.3 V, a VREF of 1.5 V, and a worst-case
common-mode excursion of 600 V to calculate operating-point-specific parameters. Consider a measurement
error due to an external magnetic field of 30 µT, roughly the Earth's magnetic field strength. The full-scale current
range of the device in specified conditions is slightly greater than 15 A; therefore, calculate error at both 15 A
and 7.5 A to highlight error dependence on the input-current level. Table 1 shows the individual error
components, and the worst-case and RSS total error calculations at room temperature under the conditions
specified. Relative to other errors, the additional error from CMRR and PSRR are negligible, and can typically be
ignored for total error calculations.
Table 1. Total Error Calculation: Room Temperature Example
ERROR
COMPONENT
SYMBOL
EQUATION
% TOTAL ERROR
AT IIN = 15 A
% TOTAL ERROR
AT IIN = 7.5 A
Input offset error
eIos
0.3%
0.6%
CMRR error
eCMRR
0.00%
0.01%
PSRR error
ePSRR
0.11%
0.23%
VREF error
eVREF
0.05%
0.10%
External Field error
eBext
0.17%
0.33%
Sensitivity error
eS
Specified in Electrical Characteristics
0.35%
0.35%
Nonlinearity error
eNL
Specified in Electrical Characteristics
0.1%
0.1%
Worst-case total error
eworst
1.1%
1.7%
RSS total error
eRSS
0.58%
0.97%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com