Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMCS1100A2 Datasheet(PDF) 12 Page - Texas Instruments

Part # TMCS1100A2
Description  TMCS1100 High-Precision, Isolated Current Sensor With External Reference
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMCS1100A2 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMCS1100A2 Datasheet HTML 8Page - Texas Instruments TMCS1100A2 Datasheet HTML 9Page - Texas Instruments TMCS1100A2 Datasheet HTML 10Page - Texas Instruments TMCS1100A2 Datasheet HTML 11Page - Texas Instruments TMCS1100A2 Datasheet HTML 12Page - Texas Instruments TMCS1100A2 Datasheet HTML 13Page - Texas Instruments TMCS1100A2 Datasheet HTML 14Page - Texas Instruments TMCS1100A2 Datasheet HTML 15Page - Texas Instruments TMCS1100A2 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
12
TMCS1100
SBOS820 – SEPTEMBER 2019
www.ti.com
Product Folder Links: TMCS1100
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Feature Description (continued)
9.3.2 Input Isolation
The separation between the input conductor and the Hall sensor die due to the TMCS1100 construction provides
inherent galvanic isolation between package pins 1-4 and pins 5-8. Insulation capability is defined according to
certification agency definitions and using industry-standard test methods as defined in the Insulation
Specifications table. Assessment of device lifetime working voltages follow the VDE 0884-11 standard for basic
insulation, requiring time-dependent dielectric breakdown (TDDB) data-projection failure rates of less than 1000
part per million (ppm), and a minimum insulation lifetime of 20 years. The VDE standard also requires an
additional safety margin of 20% for working voltage, and a 30% margin for insulation lifetime, translating into a
minimum required lifetime of 26 years at 509 VRMS.
Figure 2 shows the intrinsic capability of the isolation barrier to withstand high-voltage stress over the lifetime of
the device. Based on the TDDB data, the intrinsic capability of these devices is 424 VRMS with a lifetime of > 100
years. Other factors (such as package size, pollution degree, material group, and so on) can further limit the
working voltage of the component in an end system. The working voltage of the D-8 package is specified up to
424 VRMS. However, at lower working voltages, the corresponding insulation barrier lifetime is much longer.
Figure 2. Insulation Lifetime
9.3.3 High-Precision Signal Chain
The TMCS1100 uses a precision, low-drift signal chain with proprietary sensor linearization techniques to provide
a highly accurate and stable current measurement across the full temperature range of the device. The device is
fully tested and calibrated at the factory to account for any variations in either silicon or packaging process
variations. The full signal chain provides a fixed sensitivity voltage output that is proportional to the current
through the leadframe of the isolated input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com