Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMCS1100A2 Datasheet(PDF) 7 Page - Texas Instruments

Part # TMCS1100A2
Description  TMCS1100 High-Precision, Isolated Current Sensor With External Reference
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMCS1100A2 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMCS1100A2 Datasheet HTML 3Page - Texas Instruments TMCS1100A2 Datasheet HTML 4Page - Texas Instruments TMCS1100A2 Datasheet HTML 5Page - Texas Instruments TMCS1100A2 Datasheet HTML 6Page - Texas Instruments TMCS1100A2 Datasheet HTML 7Page - Texas Instruments TMCS1100A2 Datasheet HTML 8Page - Texas Instruments TMCS1100A2 Datasheet HTML 9Page - Texas Instruments TMCS1100A2 Datasheet HTML 10Page - Texas Instruments TMCS1100A2 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
7
TMCS1100
www.ti.com
SBOS820 – SEPTEMBER 2019
Product Folder Links: TMCS1100
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Electrical Characteristics (continued)
at TA = 25°C, VS = 5 V, VREF = 2.5 V (unless otherwise noted)
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(3)
Refer to the Transient Response section for details of frequency response of the device.
IIN
Maximum continuous RMS current (2)
TA= 125ºC
16
A
VREF
Reference input voltage
VGND
VS
V
VREF input current
VREF = GND, VS
±1
±5
µA
VREF external source impedance
Maximum source impedance of external circuit
driving VREF
5
k
Ω
VOLTAGE OUTPUT
ZOUT
Closed loop output impedance
f = 1 Hz to 1 kHz
0.2
Ω
f = 10 kHz
2
Ω
Maximum capacitive load
No sustained oscillation
1
nF
Short circuit output current
VOUT short to ground, short to VS
90
mA
Swing to VS power-supply rail
RL = 10 kΩ to GND, TA= –40ºC to +125ºC
VS – 0.02
VS – 0.1
V
Swing to GND
RL = 10 kΩ to GND, TA= –40ºC to +125ºC
5
10
mV
FREQUENCY RESPONSE
BW
Bandwidth(3)
–3-dB Bandwidth
80
kHz
Nyquist Frequency(3)
125
kHz
SR
Slew rate
Slew rate of output amplifier during single
transient step.
1.5
V/µs
tr
Response time
Time between the input current step reaching
90% of final value to the sensor output
reaching 90% of its final value, for a 1V output
transition.
6.5
µs
tp
Propagation delay
Time between the input current step reaching
10% of final value to the sensor output
reaching 10% of its final value, for a 1V output
transition.
4
µs
tr,SC
Short-circuit response time
Time between the input current step reaching
90% of final value to the sensor output
reaching 90% of its final value. Input current
step amplitude is twice full scale linear range.
5
µs
tp,SC
Short-circuit propagation delay
Time between the input current step reaching
10% of final value to the sensor output
reaching 10% of its final value. Input current
step amplitude is twice full scale linear range.
3
µs
POWER SUPPLY
IQ
Quiescent current
TA = 25ºC
4.25
5
mA
TA = –40ºC to +125ºC
6
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com