Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMCS1100A2 Datasheet(PDF) 23 Page - Texas Instruments

Part # TMCS1100A2
Description  TMCS1100 High-Precision, Isolated Current Sensor With External Reference
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMCS1100A2 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TMCS1100A2 Datasheet HTML 19Page - Texas Instruments TMCS1100A2 Datasheet HTML 20Page - Texas Instruments TMCS1100A2 Datasheet HTML 21Page - Texas Instruments TMCS1100A2 Datasheet HTML 22Page - Texas Instruments TMCS1100A2 Datasheet HTML 23Page - Texas Instruments TMCS1100A2 Datasheet HTML 24Page - Texas Instruments TMCS1100A2 Datasheet HTML 25Page - Texas Instruments TMCS1100A2 Datasheet HTML 26Page - Texas Instruments TMCS1100A2 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
23
TMCS1100
www.ti.com
SBOS820 – SEPTEMBER 2019
Product Folder Links: TMCS1100
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
10.2 Typical Application
Inline sensing of motor phase current provides significant benefits to the performance of a motor control system,
allowing advanced control algorithms and diagnostics with minimal postprocessing. A primary challenge to inline
sensing for motor drives is that the current sensor is subjected to full HV supply-level PWM transients driving the
motor phase. The inherent isolation of an in-package Hall-effect current sensor topology helps overcome this
challenge, providing high common-mode immunity, as well as isolation between the high-voltage motor drive
levels and the low-voltage control circuitry. Figure 12 illustrates the use of the TMCS1100 in such an application.
Figure 12. Inline Motor Phase Current Sensing
10.2.1 Design Requirements
For current sensing of a three-phase motor application, make sure to provide linear sensing across the expected
current range, and make sure that the device remains within working thermal constraints. A single TMCS1100 for
each phase can be used, or two phases can be measured, and the third phase calculated on the motor-controller
host processor. For this example, consider a nominal supply of 5 V but a minimum of 4.9 V to include for some
supply variation. Maximum output swings are defined according to TMCS1100 specifications, and a full-scale
current measurement of ±20 A is required.
Table 2. Example Application Design Requirements
DESIGN PARAMETER
EXAMPLE VALUE
VS,nom
5 V
VS,min
4.9 V
IIN,FS
±20 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com