Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMCS1100A2 Datasheet(PDF) 18 Page - Texas Instruments

Part # TMCS1100A2
Description  TMCS1100 High-Precision, Isolated Current Sensor With External Reference
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMCS1100A2 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMCS1100A2 Datasheet HTML 14Page - Texas Instruments TMCS1100A2 Datasheet HTML 15Page - Texas Instruments TMCS1100A2 Datasheet HTML 16Page - Texas Instruments TMCS1100A2 Datasheet HTML 17Page - Texas Instruments TMCS1100A2 Datasheet HTML 18Page - Texas Instruments TMCS1100A2 Datasheet HTML 19Page - Texas Instruments TMCS1100A2 Datasheet HTML 20Page - Texas Instruments TMCS1100A2 Datasheet HTML 21Page - Texas Instruments TMCS1100A2 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
OS, T
REF
EXT
worst, T
I
PSRR
CMRR
V
B
S, T
NL
e
(%)
e
e
e
e
e
e
e
'
'
'
OS
REF
EXT
worst
I
PSRR
CMRR
V
B
S
NL
e
(%)
e
e
e
e
e
e
e
T
S
S
S,drift
S,FT
e
(%)
min e
e
* 1000 * T;e
'
ª
º
'
¬
¼
OS, T
OS,RT
OS,drift
OS,FT
I
IN
min I
I
* T;I
e
(%)
I
'
ª
º
'
¬
¼
EXT
EXT
B
IN
B
G
e
(%)
I
REF
S
REF
V
IN
V
RVRR
(V
)
2
S
e
(%)
I
u
S
PSRR
IN
PSRR * (V
5)
e
(%)
I
CM
CMRR
IN
CMRR * V
e
(%)
I
OS
OS
I
IN
I
e
(%)
I
18
TMCS1100
SBOS820 – SEPTEMBER 2019
www.ti.com
Product Folder Links: TMCS1100
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Application Information (continued)
10.1.1 Total Error Calculation Examples
Total error can be calculated for any arbitrary device condition and current level. Error sources considered should
include input-referred offset current, power-supply rejection, input common-mode rejection, sensitivity error,
nonlinearity, VREF to VOUT gain error, and the error caused by any external fields. Compare each of these error
sources in percentage terms, as some are significant drivers of error and some have inconsequential impact to
current error. Offset (Equation 15), CMRR (Equation 16), PSRR (Equation 17), VREF gain error (Equation 18),
and external field error (Equation 19) are all referred to the input, and so, are divided by the actual input current
IIN to arrive percentage errors. For calculations of sensitivity error and nonlinearity error, the percentage limits
explicitly specified in the Electrical Characteristics table can be used.
(15)
(16)
(17)
(18)
(19)
When calculating error contributions across temperature, only the input offset current and sensitivity error
contributions vary significantly. In both cases, specifications for both the maximum device temperature range and
the parameter drift across temperature are provided. For determining actual performance limits across a
narrower temperature range than the specified –40°C to +125°C, use Equation 20 and Equation 21 for offset
error and sensitivity error, respectively. In both of these calculations, the maximum specified drift for the
parameter can be multiplied by the desired temperature deviation from room temperature (ΔT). Use the smaller
value of this drift calculation and the specified range over the full temperature range. The sensitivity drift (eS,drift)
is specified in ppm/°C, and must be converted to percentage error.
(20)
(21)
In order to accurately calculate the total expected error of the device, the contributions from each of the individual
components above must be understood in reference to operating conditions. There are two separate ways to
calculate total error for any particular system. In a worst case scenario, each error term would be at its absolute
maximum with the same polarity. In such a case, the total system error would be a mathematical summation of
each individual error source, as shown in Equation 22 for room temperature. For across temperature worst case
error, the input referred offset and sensitivity error for the relevant range should be substituted in place of the
room temperature values, as in Equation 23.
(22)
(23)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com