Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMCS1100A2 Datasheet(PDF) 11 Page - Texas Instruments

Part # TMCS1100A2
Description  TMCS1100 High-Precision, Isolated Current Sensor With External Reference
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMCS1100A2 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMCS1100A2 Datasheet HTML 7Page - Texas Instruments TMCS1100A2 Datasheet HTML 8Page - Texas Instruments TMCS1100A2 Datasheet HTML 9Page - Texas Instruments TMCS1100A2 Datasheet HTML 10Page - Texas Instruments TMCS1100A2 Datasheet HTML 11Page - Texas Instruments TMCS1100A2 Datasheet HTML 12Page - Texas Instruments TMCS1100A2 Datasheet HTML 13Page - Texas Instruments TMCS1100A2 Datasheet HTML 14Page - Texas Instruments TMCS1100A2 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
IN+
IN±
Hall
Element
Bias
Temperature
Compensation
----------------------
Offset Cancellation
VREF
VOUT
Precision
Amplifier
Output
Amplifier
VS
GND
Reference
Sampling
11
TMCS1100
www.ti.com
SBOS820 – SEPTEMBER 2019
Product Folder Links: TMCS1100
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
9 Detailed Description
9.1 Overview
The TMCS1100 is a Hall-sensor-based precision current sensor, featuring a 600-V basic isolation working
voltage, < 1% full-scale error across temperature, and an external reference voltage enabling unidirectional or
bidirectional current sensing. Input current flows through a conductor between the isolated input current pins. The
conductor has a 1.8-mΩ resistance at room temperature for low power dissipation and a 20-A RMS continuous
current handling capability up to 125°C ambient temperature on the TMCS1100EVM. The magnetic field
generated by the input current is sensed by a Hall sensor and amplified by a precision signal chain. The device
can be used for both ac and dc current measurements and has a bandwidth of 80 kHz. There are four fixed-
sensitivity device variants for a wide option of linear sensing ranges, and the TMCS1100 can operate with a low
voltage supply from 3 V to 5.5 V. The TMCS1100 is optimized for high accuracy and temperature stability, with
both offset and sensitivity compensated across the entire operating temperature range.
9.2 Functional Block Diagram
9.3 Feature Description
9.3.1 Current Input
Input current to the TMCS1100 passes through the isolated side of the package leadframe through the IN+ and
IN– pins. The current flow through the package generates a magnetic field that is proportional to the input
current, and measured by a galvanically isolated, precision, Hall sensor IC. The low-ohmic leadframe path
reduces power dissipation compared to alternative current measurement methodologies, and does not require
any passive external components on the high-voltage side. In addition, no isolated supplies or control signals are
needed on the high-voltage side, further simplifying implementation. As a result of the electrostatic shielding on
the Hall sensor die, only the magnetic field generated by the input current is measured, thus limiting input voltage
switching pass-through to the circuitry. This configuration allows for direct measurement of currents with high-
voltage transients without signal distortion on the current-sensor output.
The current input leadframe conductor has a nominal resistance of 1.8 mΩ at 25°C. The leadframe is composed
of copper; therefore, the leadframe has a positive temperature coefficient that causes resistance to increase at
higher temperatures. A typical temperature coefficient is 3300 ppm/°C, causing a 33% rise in resistivity for every
100°C of leadframe temperature change from room temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com