Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMCS1100A2 Datasheet(PDF) 15 Page - Texas Instruments

Part # TMCS1100A2
Description  TMCS1100 High-Precision, Isolated Current Sensor With External Reference
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMCS1100A2 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TMCS1100A2 Datasheet HTML 11Page - Texas Instruments TMCS1100A2 Datasheet HTML 12Page - Texas Instruments TMCS1100A2 Datasheet HTML 13Page - Texas Instruments TMCS1100A2 Datasheet HTML 14Page - Texas Instruments TMCS1100A2 Datasheet HTML 15Page - Texas Instruments TMCS1100A2 Datasheet HTML 16Page - Texas Instruments TMCS1100A2 Datasheet HTML 17Page - Texas Instruments TMCS1100A2 Datasheet HTML 18Page - Texas Instruments TMCS1100A2 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
Input Current (A)
-25 -20 -15 -10
-5
0
5
10
15
20
25
30
35
40
45
50
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
D002
VREF = 0 V
VREF = 1.25 V
VREF = 2.5 V
Time (Ps)
0
5
10
15
20
0
5
10
15
20
25
30
6
5
4
3
2
1
0
D013
15
TMCS1100
www.ti.com
SBOS820 – SEPTEMBER 2019
Product Folder Links: TMCS1100
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Feature Description (continued)
The output value is effectively an average over the sampling window; therefore, a large-enough current transient
can drive the output voltage to the full range in the first sample response. This condition is likely to be true in the
case of a short-circuit or fault event. Figure 7 shows an input-current step of 100 A, and the output response of
an TMCS1100A3B. In the case of Vout1, the event occurs near the beginning of a sampling window, and so the
output transitions to full scale in the first integrator output sample. In the case of Vout2, the event occurs near the
end of an integration cycle, so there are two distinct output transitions. The relative timing and size of the input
current transition determines whether the output transitions to full scale in a single cycle. In either case, the total
response time is approximately one integration period.
Figure 7. Transient Response to a Large Input Current Step
9.3.4 External Reference Voltage Input
The reference voltage provided externally to the TMCS1100 on the VREF pin determines the zero current output
voltage, VOUT,0A. This zero-current output level along with sensitivity determine the measurable input current
range of the device, and allows for unidirectional or bidirectional sensing, as described in the Absolute Maximum
Ratings table. Figure 8 illustrates the transfer function of the TMCS1100A2 with varying VREF voltages of 0 V,
1.25 V, and 2.5 V. By shifting the zero current output voltage of the device, the dynamic range of measurable
input current can be modified.
Figure 8. Output Voltage Relationship to Input Current With Varying VREF Voltages
The input voltage on this pin can be provided by any external voltage source or potential, such as a discrete
precision reference, a voltage divider, ADC reference, or ground. The VREF pin is sampled by the internal
circuitry at approximately 1 MHz, then buffered and provided to the signal chain of the device. An apparent dc
load of approximately 1 µA will be observed by the external reference. In order to prevent errors due to sampling
settling, keep the source impedance below the level specified in Electrical Characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com