Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMCS1100A2 Datasheet(PDF) 24 Page - Texas Instruments

Part # TMCS1100A2
Description  TMCS1100 High-Precision, Isolated Current Sensor With External Reference
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMCS1100A2 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TMCS1100A2 Datasheet HTML 20Page - Texas Instruments TMCS1100A2 Datasheet HTML 21Page - Texas Instruments TMCS1100A2 Datasheet HTML 22Page - Texas Instruments TMCS1100A2 Datasheet HTML 23Page - Texas Instruments TMCS1100A2 Datasheet HTML 24Page - Texas Instruments TMCS1100A2 Datasheet HTML 25Page - Texas Instruments TMCS1100A2 Datasheet HTML 26Page - Texas Instruments TMCS1100A2 Datasheet HTML 27Page - Texas Instruments TMCS1100A2 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
OUT,max
OUT,min
B,MAX
A x
V
V
I
2 S
!
u
OUT,max
OUT,min
U,MAX
A x
V
V
I
S
!
OUT,min
GND
V
Swing
S
OUT,max
S,min
V
V
V
Swing
u
OUT
IN
REF
V
I
S
V
24
TMCS1100
SBOS820 – SEPTEMBER 2019
www.ti.com
Product Folder Links: TMCS1100
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
10.2.2 Detailed Design Procedure
The TMCS1100 application design procedure has two key design parameters: the sensitivity version chosen (A1-
A4) and the reference voltage input. Further consideration of noise and integration with an ADC can be explored,
but is beyond the scope of this application design example. The TMCS1100 transfer function is effectively a
transimpedance with a variable offset set by VREF, defined by Equation 26.
(26)
Design of the sensing solution first focuses on maximizing the sensitivity of the device while maintaining linear
measurement over the expected current input range. The linear output voltage range is constrained by the
TMCS1100 linear swing to ground, SwingGND, and swing to supply, SwingVS. With the previous parameters, the
maximum linear output voltage range is the range between VOUT,max and VOUT,min, as defined by Equation 27 and
Equation 28.
(27)
(28)
For a bidirectional motor phase current-sensing application, a sufficient linear output voltage range is required
from VREF to both ground and the power supply. Design parameters for this example application are shown in
Table 3 along with the calculated output range.
Table 3. Example Application Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
SwingVS
0.2 V
SwingGND
0.05 V
VOUT,max
4.7 V
VOUT,min
0.05 V
VOUT,max - VOUT,min
4.65 V
These design parameters result in a maximum linear output voltage swing of 4.65 V. To determine which
sensitivity variant of the TMCS1100 most fully uses this linear range, calculate the maximum current range by
Equation 29 for a unidirectional current (IU,MAX), and Equation 30 for a bidirectional current (IB,MAX).
(29)
where
•
SA<x> is the sensitivity of the relevant A1-A4 variant.
(30)
Table 4 shows such calculation for each gain variant of the TMCS1100 with the appropriate sensitivities.
Table 4. Maximum Full-Scale Current Ranges With 4.65-V Output Range
SENSITIVITY VARIANT
SENSITIVITY
IU,MAX
IB,MAX
TMCS1100A1
50 mV/A
93 A
±46.5 A
TMCS1100A2
100 mV/A
46.5 A
±23.2A
TMCS1100A3
200 mV/A
23.2 A
±11.6A
TMCS1100A4
400 mV/A
11.6 A
±5.8 A
In general, select the highest sensitivity variant that provides for the desired full-scale current range. For the
design parameters in this example, the TMCS1100A2 with a sensitivity of 0.1 V/A is the proper selection because
the maximum-calculated ±23.2 A linear measurable range is sufficient for the desired ±20-A full-scale current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com