Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMCS1100A2 Datasheet(PDF) 6 Page - Texas Instruments

Part # TMCS1100A2
Description  TMCS1100 High-Precision, Isolated Current Sensor With External Reference
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMCS1100A2 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMCS1100A2 Datasheet HTML 2Page - Texas Instruments TMCS1100A2 Datasheet HTML 3Page - Texas Instruments TMCS1100A2 Datasheet HTML 4Page - Texas Instruments TMCS1100A2 Datasheet HTML 5Page - Texas Instruments TMCS1100A2 Datasheet HTML 6Page - Texas Instruments TMCS1100A2 Datasheet HTML 7Page - Texas Instruments TMCS1100A2 Datasheet HTML 8Page - Texas Instruments TMCS1100A2 Datasheet HTML 9Page - Texas Instruments TMCS1100A2 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
6
TMCS1100
SBOS820 – SEPTEMBER 2019
www.ti.com
Product Folder Links: TMCS1100
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
(1)
RTI = referred-to-input. Output voltage is divided by device sensitivity to refer signal to input current. See the Parameter Measurement
Information section.
(2)
Thermally limited by junction temperature. Applies when device mounted on TMCS1100EVM. For more details, see the Safe Operating
Area section.
7.6 Electrical Characteristics
at TA = 25°C, VS = 5 V, VREF = 2.5 V (unless otherwise noted)
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
Sensitivity
TMCS1100A1
50
mV/A
TMCS1100A2
100
mV/A
TMCS1100A3
200
mV/A
TMCS1100A4
400
mV/A
Sensitivity error
0.05 V
≤ VOUT ≤ VS – 0.2 V
±0.1%
±0.35%
Sensitivity error
0.05 V
≤ VOUT ≤ VS – 0.2 V, TA= –40ºC to
+125ºC
±0.3%
±0.65%
Sensitivity error drift
0.05 V
≤ VOUT ≤ VS – 0.2 V
±20
±30
ppm/°C
VOE
Output voltage offset error
TMCS1100A1
±1
±2.5
mV
TMCS1100A2
±1.2
±4.5
mV
TMCS1100A3
±1.4
±7.5
mV
TMCS1100A4
±2.25
±12
mV
Output voltage offset error
TMCS1100A1, TA= –40ºC to +125ºC
±1.5
±4
mV
TMCS1100A2, TA= –40ºC to +125ºC
±2
±6
mV
TMCS1100A3, TA= –40ºC to +125ºC
±2.4
±10
mV
TMCS1100A4, TA= –40ºC to +125ºC
±4.2
±20
mV
IOS
Offset error, RTI(1)
TMCS1100A1
±20
±50
mA
TMCS1100A2
±12
±45
mA
TMCS1100A3
±7
±37.5
mA
TMCS1100A4
±5.6
±30
mA
Offset error, RTI(1)
TMCS1100A1, TA= –40ºC to +125ºC
±30
±80
mA
TMCS1100A2, TA= –40ºC to +125ºC
±20
±60
mA
TMCS1100A3, TA= –40ºC to +125ºC
±12
±50
mA
TMCS1100A4, TA= –40ºC to +125ºC
±10.5
±50
mA
Offset error drift, RTI(1)
TMCS1100A1, TA= –40ºC to +125ºC
±20
µA/°C
TMCS1100A2, TA= –40ºC to +125ºC
±14
µA/°C
TMCS1100A3, TA= –40ºC to +125ºC
±10
µA/°C
TMCS1100A4, TA= –40ºC to +125ºC
±10.75
µA/°C
PSRR
Power-supply rejection ratio
VS = 3 V to 5.5 V,
TA= –40ºC to +125ºC
1
mV/V
Nonlinearity error
VOUT = 0.5 V to VS – 0.5 V
±0.1%
CMTI
Common mode transient immunity
25
kV/µs
CMRR
Common mode rejection ratio, RTI(1)
0.1
uA/V
Zero current VOUT
VREF
V
RVRR
Reference voltage rejection ratio, output
referred
VREF = 0.5 V to 4.5 V
1
5
mV/V
Noise density, RTI(1)
TMCS1100A1
380
μA/√Hz
TMCS1100A2
330
μA/√Hz
TMCS1100A3
300
μA/√Hz
TMCS1100A4
225
μA/√Hz
INPUT
RIN
Input conductor resistance
IN+ to IN–
1.8
m
Ω
Input conductor resistance drift
TA= –40ºC to +125ºC
7
μΩ/°C
G
Magnetic coupling factor
TA= 25ºC
1.2
mT/A
IIN
Maximum continuous RMS current (2)
TA= 25ºC
30
A
IIN
Maximum continuous RMS current (2)
TA= 85ºC
25
A
IIN
Maximum continuous RMS current (2)
TA= 105ºC
22.5
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com