Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMCS1100A2 Datasheet(PDF) 26 Page - Texas Instruments

Part # TMCS1100A2
Description  TMCS1100 High-Precision, Isolated Current Sensor With External Reference
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMCS1100A2 Datasheet(HTML) 26 Page - Texas Instruments

Back Button TMCS1100A2 Datasheet HTML 22Page - Texas Instruments TMCS1100A2 Datasheet HTML 23Page - Texas Instruments TMCS1100A2 Datasheet HTML 24Page - Texas Instruments TMCS1100A2 Datasheet HTML 25Page - Texas Instruments TMCS1100A2 Datasheet HTML 26Page - Texas Instruments TMCS1100A2 Datasheet HTML 27Page - Texas Instruments TMCS1100A2 Datasheet HTML 28Page - Texas Instruments TMCS1100A2 Datasheet HTML 29Page - Texas Instruments TMCS1100A2 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 35 page
background image
TMCS1100
IN+
IN±
VREF
VOUT
VS
GND
5 V
To ADC / MCU
LM4030C-2.5
2.5 V
0.15%, 30 ppm/
ÛC
IIN
0.1 …F
26
TMCS1100
SBOS820 – SEPTEMBER 2019
www.ti.com
Product Folder Links: TMCS1100
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
After selecting a VREF for the application design, an appropriate source must be defined. Multiple
implementations are possible, but could include:
•
Resistor divider from the supply voltage
•
Resistor divider from an ADC full-scale reference
•
Dedicated or preexisting voltage reference IC
•
DAC or reference voltage from a system microcontroller
Each of these options has benefits, and the error terms, noise, simplicity, and cost of each implementation must
be weighed. In the current design example, any of these options are potentially available as a 2.5-V VREF is
midrail of the power supply, a common IC reference voltage, and might already be available in the system. If the
primary consideration for the current application design is to maximize precision while minimizing temperature
drift and noise, a dedicated voltage reference must be chosen. For this case, the LM4030C-2.5 can be chosen
for to optimize system accuracy without significant cost addition. Figure 14 depicts the current-sense system
design as discussed.
Figure 14. TMCS1100 Example Current-Sense System Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com