Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMCS1100A2 Datasheet(PDF) 25 Page - Texas Instruments

Part # TMCS1100A2
Description  TMCS1100 High-Precision, Isolated Current Sensor With External Reference
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMCS1100A2 Datasheet(HTML) 25 Page - Texas Instruments

Back Button TMCS1100A2 Datasheet HTML 21Page - Texas Instruments TMCS1100A2 Datasheet HTML 22Page - Texas Instruments TMCS1100A2 Datasheet HTML 23Page - Texas Instruments TMCS1100A2 Datasheet HTML 24Page - Texas Instruments TMCS1100A2 Datasheet HTML 25Page - Texas Instruments TMCS1100A2 Datasheet HTML 26Page - Texas Instruments TMCS1100A2 Datasheet HTML 27Page - Texas Instruments TMCS1100A2 Datasheet HTML 28Page - Texas Instruments TMCS1100A2 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 35 page
background image
Input Current (A)
-25
-20
-15
-10
-5
0
5
10
15
20
25
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-24.5 A, 0.05 V
0 A, 2.5 V
23 A, 4.8 V
D001
OUT,min
REF
MAX
V
V
I
S
OUT,max
REF
MAX
V
V
I
S
u
REF,min
OUT,min
IN,FS
V
V
I
S
u
REF,max
OUT,max
IN,FS
V
V
I
S
25
TMCS1100
www.ti.com
SBOS820 – SEPTEMBER 2019
Product Folder Links: TMCS1100
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
After selecting the appropriate sensitivity variant for the application, the zero-current reference voltage defined by
the VREF input pin is defined. Manipulating Equation 26 and using the linear range defined by VOUT,max, VOUT,min,
and the full-scale input current, IIN,FS, calculate the maximum and minimum VREF voltages allowed to remain
within the linear measurement range, shown in Equation 31 and Equation 32.
(31)
(32)
Any value of VREF can be chosen between VREF,max and VREF,min in order to maintain the required linear sensing
range. If the allowable VREF range is not wide enough or does not include a desired VREF voltage, the analysis
must be repeated with a lower sensitivity variant of the TMCS1100. Equation 26 can be manipulated to solve for
the maximum allowable current in either direction by using the selected VREF voltage and the maximum linear
voltage ranges as in Equation 33 and Equation 34.
(33)
(34)
Table 5 shows the respective values for the example design parameters in Table 3. In this case, a VREF of 2.5 V
has been selected such that the zero current output is half of the nominal power supply. This example VREF
design value provides a linear input current-sensing range of –24.5 A to +22 A, with the positive current defined
as current flowing into the IN+ pin.
Table 5. Example VREF Limits and Associated Current Ranges
REFERENCE PARAMETER
EXAMPLE VALUE
MAXIMUM LINEAR CURRENT SENSING RANGE
IMAX+
IMAX–
VREF,min
2.05 V
26.5 A
–20 A
VREF,max
2.7 V
20 A
–26.5 A
Selected VREF
2.5 V
22 A
–24.5 A
The transfer function of the TMCS1100 linear sensing range for these design parameters is shown in Figure 13.
Figure 13. Application Example Design Transfer Curve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com