Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS44210 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS44210
Description  DIGITAL PWM CONTROLLER WITH HEADPHONE MONITOR
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44210 Datasheet(HTML) 5 Page - Cirrus Logic

  CS44210 Datasheet HTML 1Page - Cirrus Logic CS44210 Datasheet HTML 2Page - Cirrus Logic CS44210 Datasheet HTML 3Page - Cirrus Logic CS44210 Datasheet HTML 4Page - Cirrus Logic CS44210 Datasheet HTML 5Page - Cirrus Logic CS44210 Datasheet HTML 6Page - Cirrus Logic CS44210 Datasheet HTML 7Page - Cirrus Logic CS44210 Datasheet HTML 8Page - Cirrus Logic CS44210 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
CS44210
DS539PP1
5
CHARACTERISTICS AND SPECIFICATIONS (Continued)
Note:
1. Filter response is not tested but is guaranteed by design.
2. Response is clock dependent and will scale with Fs. Note that the response plots (Figures 11-18) have
been normalized to Fs and can be de-normalized by multiplying the X-axis scale by Fs.
3. Referenced to a 1 kHz, full-scale sine wave.
4. For Single Speed Mode, the measurement bandwidth is 0.5465 Fs to 3 Fs.
For Double Speed Mode, the measurement bandwidth is 0.577 Fs to 1.4 Fs.
5. De-emphasis is not available in double speed mode.
Parameters
Symbol
Min
Typ
Max
Units
PWM Headphone Output
Full Scale Headphone Output Voltage
TBD
0.85 x VA_HP
TBD
Vp
Headphone Output Quiescent Voltage
-0.5 x VA_HP
-
VDC
Interchannel Gain Mismatch
-0.1
-
dB
Modulation Index
--
85
%
Maximum Headphone Output
VA_HPx=2.4V
AC-Current
VA_HPx=5.0V
IHP
-
-
45
80
-
-
mA
mA
Parameter
Single Speed Mode
Double Speed Mode
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Digital Filter Response (Note 1)
Passband
to -0.05 dB corner
(Note 2)
to -0.1 dB corner
to -3 dB corner
0
-
0
-
-
-
.4535
-
.4998
-
0
0
-
-
-
-
.4426
.4984
Fs
Fs
Fs
Frequency Response 10 Hz to 20 kHz
(Note 3)
-.02
-
+.08
0
-
+0.11
dB
StopBand
.5465
-
-
.577
-
-
Fs
StopBand Attenuation
(Note 4)
50
-
-
55
-
-
dB
Group Delay
tgd
-
9/Fs
-
-
4/Fs
-
s
Passband Group Delay Deviation
0 - 40 kHz
0 - 20 kHz
-
-
-
±0.36/Fs
-
-
-
-
±1.39/Fs
±0.23/Fs
-
-
s
s
De-emphasis Error
Fs = 32 kHz
(Relative to 1 kHz)
Fs = 44.1 kHz
Fs = 48 kHz
-
-
-
-
-
-
+.2/-.1
+.05/-.14
+0/-.22
(Note 5)
dB
dB
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com