Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS44210 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS44210
Description  DIGITAL PWM CONTROLLER WITH HEADPHONE MONITOR
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44210 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS44210 Datasheet HTML 18Page - Cirrus Logic CS44210 Datasheet HTML 19Page - Cirrus Logic CS44210 Datasheet HTML 20Page - Cirrus Logic CS44210 Datasheet HTML 21Page - Cirrus Logic CS44210 Datasheet HTML 22Page - Cirrus Logic CS44210 Datasheet HTML 23Page - Cirrus Logic CS44210 Datasheet HTML 24Page - Cirrus Logic CS44210 Datasheet HTML 25Page - Cirrus Logic CS44210 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
CS44210
22
DS539PP1
4.9 Mode Control 2 (address 0Ah)
4.9.1 MASTER CLOCK DIVIDE ENABLE (MCLKDIV)
Default = 0
Function:
The MCLKDIV bit enables a circuit which divides the externally applied MCLK signal by 2 prior to all other
internal circuitry. MCLKDIV, DBS, CLKDIV and FRQSFT are set per the user’s MCLK and LRCK require-
ments. Refer to Tables 11, 12, 13, 14, and Section 6.2.
4.9.2 CLOCK DIVIDE (CLKDIV)
Default = 00
Function:
MCLKDIV, DBS, CLKDIV and FRQSFT are set per the user’s MCLK and LRCK requirements. Refer to
Tables 11, 12, 13, 14, and Section 6.2.
4.9.3 DOUBLE SPEED MODE (DBS)
Default = 0
0 - Single Speed
1 - Double Speed (DBS)
Function:
Single Speed supports 8kHz to 50 kHz sample rates and Double Speed supports 50 kHz to 96kHz sample
rates. MCLKDIV, DBS, CLKDIV and FRQSFT are set per the user’s MCLK and LRCK requirements. Refer
to Tables 11, 12, 13, 14, and Section 6.2.
Note: De-emphasis, ramp control, and treble control are not available in Double Speed Mode.
4.9.4 FREQUENCY SHIFT (FRQSFT)
Default = 00
Function:
MCLKDIV, DBS, CLKDIV and FRQSFT are set per the user’s MCLK and LRCK requirements. Refer to
Tables 11, 12, 13, 14, and Section 6.2.
76543
210
MCLKDIV
CLKDV1
CLKDV0
DBS
FRQSFT1
FRQSFT0
DEM1
DEM0
00000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com