Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS44210 Datasheet(PDF) 28 Page - Cirrus Logic

Part # CS44210
Description  DIGITAL PWM CONTROLLER WITH HEADPHONE MONITOR
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44210 Datasheet(HTML) 28 Page - Cirrus Logic

Back Button CS44210 Datasheet HTML 24Page - Cirrus Logic CS44210 Datasheet HTML 25Page - Cirrus Logic CS44210 Datasheet HTML 26Page - Cirrus Logic CS44210 Datasheet HTML 27Page - Cirrus Logic CS44210 Datasheet HTML 28Page - Cirrus Logic CS44210 Datasheet HTML 29Page - Cirrus Logic CS44210 Datasheet HTML 30Page - Cirrus Logic CS44210 Datasheet HTML 31Page - Cirrus Logic CS44210 Datasheet HTML 32Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
CS44210
28
DS539PP1
ADO/CS
10
Address Bit 0 (Two-Wire) / Control Port Chip Select (SPI) (Input) - AD0 is a chip address pin
Two-Wire mode; CS is used to enable the control port interface.
AD1/CDOUT
15
AD1/CDOUT - Address Bit 1 (Two Wire) / Serial Control data out (SPI) (Input/Output) - In
Two- Wire mode, AD1 is a chip address pin. In SPI mode, CDOUT is the output data from the
control port interface.
SDA/CDIN
16
Serial Control Data (Input/Output) - SDA is a data I/O line in Two-Wire mode and requires an
external pull-up resistor to the logic interface voltage. CDIN is the input data line for the control
port interface in SPI mode.
Stand Alone
Definitions
DIF0
DIF1
9
10
Digital Interface Format (Input) - The required relationship between the Left/Right clock, serial
clock and serial data is defined by the Digital Interface Format and the options are detailed
below
AD1/CDOUT
15
Non-applicable (input) - non-functional in this mode should be connected to ground.
DEM
16
De-emphasis Control (Input) - Selects the standard 15
µs/50 µs digital de-emphasis filter
response at 44.1 kHz sample rates. NOTE: De-emphasis is not available in Double or Quad
Speed Modes. When DEM is grounded, de-emphasis is disabled.
.
DIF1
DIF0
DESCRIPTION
FIGURE
0
0
Left Justified, up to 24-bit data
19
0
1
Right Justified, 24 -bit Data
20
10
I2S, up to 24-bit data
21
1
1
Right Justified, 16-bit Data
22
Table 15. Digital Interface Format - DIF1 and DIF0
(St
d Al
M d )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com