Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS44210 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS44210
Description  DIGITAL PWM CONTROLLER WITH HEADPHONE MONITOR
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44210 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS44210 Datasheet HTML 14Page - Cirrus Logic CS44210 Datasheet HTML 15Page - Cirrus Logic CS44210 Datasheet HTML 16Page - Cirrus Logic CS44210 Datasheet HTML 17Page - Cirrus Logic CS44210 Datasheet HTML 18Page - Cirrus Logic CS44210 Datasheet HTML 19Page - Cirrus Logic CS44210 Datasheet HTML 20Page - Cirrus Logic CS44210 Datasheet HTML 21Page - Cirrus Logic CS44210 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
CS44210
18
DS539PP1
4.5.3 TONE CONTROL MODE (TC)
Default = 00
00 - All settings are taken from user registers
01 - 12 dB of Bass Boost at 100 Hz and 6 dB of Treble Boost at 7 kHz (at LRCK = 48 kHz)
10 - 8 dB of Bass Boost at 100 Hz and 4 dB of Treble Boost at 7 kHz (at LRCK = 48 kHz)
11 - 4 dB of Bass Boost at 100 Hz and 2 dB of Treble Boost at 7 kHz (at LRCK = 48 kHz)
Function:
The Tone Control Mode bits determine how the Bass Boost and Treble Boost features are configured.
The user-defined settings from the Bass and Treble Boost Level and Corner Frequency registers are used
when these bits are set to ‘00’. Alternately, one of three pre-defined settings may be used (these settings
are a function of LRCK - refer to tables 5, 6, and 7).
Note: Treble boost is not available in Double Speed Mode.
4.5.4 TONE CONTROL ENABLE (TC_EN)
Default = 0
0 - Disabled
1 - Enabled
Function:
The Bass Boost and Treble Boost features are active when this function is enabled.
4.5.5 PEAK SIGNAL LIMITER ENABLE (LIM_EN)
Default = 0
0 - Disabled
1 - Enabled
Function:
The CS44210 will limit the maximum signal amplitude to prevent clipping when this function is enabled.
Peak Signal Limiting is performed by first decreasing the Bass and Treble Boost Levels. If the signal is
still clipping, the digital attenuation is increased. The attack rate is determined by the Limiter Attack Rate
register.
Once the signal has dropped below the clipping level, the attenuation is decreased back to the user se-
lected level followed by the Bass Boost being increased back to the user selected level. The release rate
is determined by the Limiter Release Rate register.
Note: The A=B bit should be set to ‘1’ for optimal limiter performance.
TBCF
Fs
LRCK in Single Speed Mode (DBS=0)
48 kHz
24 kHz
12 kHz
8 kHz
00
2 kHz
1 kHz
0.5 kHz
0.33 kHz
01
4 kHz
2 kHz
1 kHz
0.67 kHz
10
7 kHz
3.5 kHz
1.75 kHz
1.17 kHz
11
Reserved
Reserved
Reserved
Reserved
Table 7. Treble Boost Corner Frequencies in Single Speed Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com