Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS44210 Datasheet(PDF) 24 Page - Cirrus Logic

Part # CS44210
Description  DIGITAL PWM CONTROLLER WITH HEADPHONE MONITOR
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44210 Datasheet(HTML) 24 Page - Cirrus Logic

Back Button CS44210 Datasheet HTML 20Page - Cirrus Logic CS44210 Datasheet HTML 21Page - Cirrus Logic CS44210 Datasheet HTML 22Page - Cirrus Logic CS44210 Datasheet HTML 23Page - Cirrus Logic CS44210 Datasheet HTML 24Page - Cirrus Logic CS44210 Datasheet HTML 25Page - Cirrus Logic CS44210 Datasheet HTML 26Page - Cirrus Logic CS44210 Datasheet HTML 27Page - Cirrus Logic CS44210 Datasheet HTML 28Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
CS44210
24
DS539PP1
4.9.5 DE-EMPHASIS CONTROL (DEM)
Default = 00
00 - Disabled
01 - 44.1 kHz
10 - 48 kHz
11 - 32 kHz
Function:
Selects the appropriate digital filter to maintain the standard 15
µs/50 µs digital de-emphasis filter re-
sponse at 32, 44.1 or 48 kHz sample rates (see Figure 7).
Note: De-emphasis is not available in double speed mode.
DBS = 1
MCLKDIV = 0
DBS = 1
MCLKDIV = 1
LRCK
(kHz)
MCLK/
LRCK
MCLK
(MHz)
MCLK/
LRCK
MCLK
(MHz)
FRQSFT1
FRQSFT0
CLKDIV1
CLKDIV0
PWM
Switching
Freq. (kHz)
96
128
12.288
256
24.576
0000
96
192
18.432
384
36.864
0001
384
96
256
24.576
512
49.152
0010
Table 13. Double Speed Clock Modes - Control Port Mode
LRCK
(kHz)
MCLK/
LRCK
MCLK
(MHz)
PWM
Switching
Freq. (kHz)
96
128
12.288
384
96
192
18.432
Table 14. Double Speed Clock Modes - Stand-Alone Mode
Gain
dB
-10dB
0dB
Frequency
T2 = 15 µs
T1=50 µs
F1
F2
3.183 kHz
10.61 kHz
Figure 7. De-Emphasis Curve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com