Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS44210 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS44210
Description  DIGITAL PWM CONTROLLER WITH HEADPHONE MONITOR
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44210 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS44210 Datasheet HTML 12Page - Cirrus Logic CS44210 Datasheet HTML 13Page - Cirrus Logic CS44210 Datasheet HTML 14Page - Cirrus Logic CS44210 Datasheet HTML 15Page - Cirrus Logic CS44210 Datasheet HTML 16Page - Cirrus Logic CS44210 Datasheet HTML 17Page - Cirrus Logic CS44210 Datasheet HTML 18Page - Cirrus Logic CS44210 Datasheet HTML 19Page - Cirrus Logic CS44210 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
CS44210
16
DS539PP1
Note: All volume settings greater than +18 dB are interpreted as +18 dB.
4.4 Tone Control (address 05h)
4.4.1 BASS BOOST LEVEL (BB)
Default = 0 dB (No Bass Boost)
Function:
The level of the shelving bass boost filter is set by Bass Boost Level. The level can be adjusted in 1 dB
increments from 0 to +12 dB of boost. Boost levels are decoded as shown in Table 3. Levels above
+12 dB are interpreted as +12 dB.
4.4.2 TREBLE BOOST LEVEL (TB)
Default = 0 dB (No Treble Boost)
Function:
The level of the shelving treble boost filter is set by Treble Boost Level. The level can be adjusted in 1 dB
increments from 0 to +12 dB of boost. Boost levels are decoded as shown in Table 4. Levels above
+12 dB are interpreted as +12 dB.
Note: Treble Boost is not available in Double Speed Mode.
Binary Code
Decimal Value
Volume Setting
00001010
12
+12 dB
00000111
7
+7 dB
00000000
0
0 dB
11000100
-60
-60 dB
10100110
-90
-90 dB
Table 2. Example Volume Settings
76543
210
BB3
BB2
BB1
BB0
TB3
TB2
TB1
TB0
00000
000
Binary Code
Decimal Value
Boost Setting
0000
0
0 dB
0010
2
+2 dB
1010
6
+6 dB
1001
9
+9 dB
1100
12
+12 dB
Table 3. Example Bass Boost Settings
Binary Code
Decimal Value
Boost Setting
0000
0
0 dB
0010
2
+2 dB
1010
6
+6 dB
1001
9
+9 dB
1100
12
+12 dB
Table 4. Example Treble Boost Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com