Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS44210 Datasheet(PDF) 33 Page - Cirrus Logic

Part # CS44210
Description  DIGITAL PWM CONTROLLER WITH HEADPHONE MONITOR
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44210 Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CS44210 Datasheet HTML 29Page - Cirrus Logic CS44210 Datasheet HTML 30Page - Cirrus Logic CS44210 Datasheet HTML 31Page - Cirrus Logic CS44210 Datasheet HTML 32Page - Cirrus Logic CS44210 Datasheet HTML 33Page - Cirrus Logic CS44210 Datasheet HTML 34Page - Cirrus Logic CS44210 Datasheet HTML 35Page - Cirrus Logic CS44210 Datasheet HTML 36Page - Cirrus Logic CS44210 Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
CS44210
DS539PP1
33
7.3.2 Reading in SPI
Figure 10 shows the operation of the control port in
SPI format. To read to a register, bring CS low. The
first 7 bits on CDIN form the chip address and must
be 0010000. The eighth bit is a read/write indicator
(R/W), which must be high to read. The CDOUT
line will then output the data from the register des-
ignated by the MAP. To read multiple registers,
keep CS low and continue providing clocks on
CCLK. End the read transaction by setting CS high.
The CDOUT line will tri-state once CS goes high.
7.4 Memory Address Pointer (MAP)
7.4.1 INCR (Auto Map Increment Enable)
Default = ‘0’
0 - Disabled
1 - Enabled
7.4.2 MAP3-0 (Memory Address Pointer)
Default = ‘0000’
LSB
byte 1
byte n
R/W
ADDRESS
CHIP
CDIN
CCLK
CS
0010000
MSB
DATA
CDOUT
Figure 10. Control Port Timing, SPI Format (Read)
76
5432
10
INCR
Reserved
Reserved
Reserved
MAP3
MAP2
MAP1
MAP0
00
0000
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com