Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS44210 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS44210
Description  DIGITAL PWM CONTROLLER WITH HEADPHONE MONITOR
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44210 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS44210 Datasheet HTML 25Page - Cirrus Logic CS44210 Datasheet HTML 26Page - Cirrus Logic CS44210 Datasheet HTML 27Page - Cirrus Logic CS44210 Datasheet HTML 28Page - Cirrus Logic CS44210 Datasheet HTML 29Page - Cirrus Logic CS44210 Datasheet HTML 30Page - Cirrus Logic CS44210 Datasheet HTML 31Page - Cirrus Logic CS44210 Datasheet HTML 32Page - Cirrus Logic CS44210 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
CS44210
DS539PP1
29
6. APPLICATIONS
6.1 Grounding and Power Supply Decoupling
As with any switching converter, the CS44210 re-
quires careful attention to power supply and
grounding arrangements to optimize performance.
Figures 4 and 5 show the recommended power ar-
rangement with VD, VA_HPx, and VL connected
to clean supplies. Decoupling capacitors should be
located as close to the device package as possible.
If desired, all supply pins may be connected to the
same supply, but a decoupling capacitor should still
be used on each supply pin.
6.2 Clock Modes
One of the characteristics of a PWM amplifier is
that the frequency content of out-of-band noise
generated by the modulator is dependent on the
PWM switching frequency. The systems designer
will specify the external filter based on this switch-
ing frequency. The obvious implementation in a
digital PWM system is to directly lock the PWM
switching rate to the incoming data sample rate.
However, this would require a tuneable filter to at-
tentuate the switching frequency across the range
of possible sample rates. To simplify the external
filter design and to accommodate sample rates
ranging from 8 kHz to 96 kHz the CS44210 Con-
troller uses several clock modes that keep the PWM
switching frequency in a small range.
In control port mode, for operation at a particular
sample rate the user selects register settings (refer
to Section 4.9 and Tables 11 and 13) based on their
MCLK and MCLK/LRCK parameters. When us-
ing Stand-Alone mode, refer to Tables 12 and 14
for available clock modes.
6.3 De-Emphasis
The CS44210 includes on-chip digital de-empha-
sis. Figure 7 shows the de-emphasis curve. The fre-
quency response of the de-emphasis curve will
scale proportionally with changes in sample rate,
Fs.
The de-emphasis feature is included to accommo-
date older audio recordings that utilize pre-empha-
sis equalization as a means of noise reduction.
6.4 PWM PopGuard Transient Control
The CS44210 uses PopGuard® technology to mini-
mize the effects of output transients during pow-
er-up and power-down. This technique minimizes
the audio transients commonly produced by sin-
gle-ended, single-supply converters when it is im-
plemented with external DC-blocking capacitors
connected in series with the audio outputs.
When the device is initially powered-up, the
DRIVER_x, and HP_x outputs are clamped to
GND. Following a delay each output begins to in-
crease the PWM duty cycle toward the quiescent
voltage point. By a speed set by the RMP_SP bit,
the DRIVER_x and HP_x outputs will later reach
the bias point (50% PWM duty cycle), and audio
output begins. This gradual voltage ramping allows
time for the external DC-blocking capacitor to
charge to the quiescent voltage, minimizing the
power-up transient.
To prevent transients at power-down, the device
must first enter its power-down state. When this oc-
curs, audio output ceases and the PWM duty cycle
is decreased until the DRIVER_x and HP_x out-
puts reach GND. The time required to reach GND
is determined by the RMP_SP bits. This allows the
DC-blocking capacitors to slowly discharge. Once
this charge is dissipated, the power to the device
may be turned off, and the system is ready for the
next power-on.
To prevent an audio transient at the next power-on,
the DC-blocking capacitors must fully discharge
before turning off the power or exiting the pow-
er-down state. If full discharge does not occur, a
transient will occur when the audio outputs are ini-
tially clamped to GND. The time that the device
must remain in the power-down state is related to
the value of the DC-blocking capacitance and the
output load. For example, with a 220 µF capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com