Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS44210 Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS44210
Description  DIGITAL PWM CONTROLLER WITH HEADPHONE MONITOR
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44210 Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS44210 Datasheet HTML 7Page - Cirrus Logic CS44210 Datasheet HTML 8Page - Cirrus Logic CS44210 Datasheet HTML 9Page - Cirrus Logic CS44210 Datasheet HTML 10Page - Cirrus Logic CS44210 Datasheet HTML 11Page - Cirrus Logic CS44210 Datasheet HTML 12Page - Cirrus Logic CS44210 Datasheet HTML 13Page - Cirrus Logic CS44210 Datasheet HTML 14Page - Cirrus Logic CS44210 Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
CS44210
DS539PP1
11
2. TYPICAL CONNECTION DIAGRAMS
MCLK
LRCK
SC LK
SDIN1
RST
VA_HPB
CS44210
2.4 to 5.0 V
Supply
100 µF
+
VA_HPA
Supply
1.0 µF
+
VL
19
20
8
7
2
5
3
18
21
16
1
9
4
15
14
2.4 to 5.0 V
Supply
1.0 µF
+
VD
6
2.4 to 5.0 V
24
SDIN2
SDIN3
AD1/CDOUT
23
10
DRIVER_A
17
22
0.15
µF
0.15
µF
16
Ω
Headphones
GND
GND
GND
0.1 µF
Digital
Audio
Source
DIF
DIF 0
1
DEM
0.1 µF
0.1 µ F
Mode
Control
HP_A
HP_B
TSTIN
12
11
SYNC_CLK
Sync Clock
13
DRIVER_B
Output
Filter
Output
Filter
220 µF
100 µH
220 µF
100 µH
Cout
+
+
Cout
MOSFET
Driver
&
Power
Stage
MOSFET
Driver
&
Power
Stage
*
*
* This feature is unavailable in this mode.
This pin should be grounded.
Figure 4. Typical CS44210 Connection Diagram Stand-Alone Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com