Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS44210 Datasheet(PDF) 1 Page - Cirrus Logic

Part # CS44210
Description  DIGITAL PWM CONTROLLER WITH HEADPHONE MONITOR
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44210 Datasheet(HTML) 1 Page - Cirrus Logic

  CS44210 Datasheet HTML 1Page - Cirrus Logic CS44210 Datasheet HTML 2Page - Cirrus Logic CS44210 Datasheet HTML 3Page - Cirrus Logic CS44210 Datasheet HTML 4Page - Cirrus Logic CS44210 Datasheet HTML 5Page - Cirrus Logic CS44210 Datasheet HTML 6Page - Cirrus Logic CS44210 Datasheet HTML 7Page - Cirrus Logic CS44210 Datasheet HTML 8Page - Cirrus Logic CS44210 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
Advance Product Information
This document contains information for a new product.
Cirrus Logic reserves the right to modify this product without notice.
1
Copyright
 Cirrus Logic, Inc. 2001
(All Rights Reserved)
P.O. Box 17847, Austin, Texas 78760
(512) 445 7222 FAX: (512) 445 7581
http://www.cirrus.com
CS44210
Digital PWM Controller with Headphone Monitor
Features
l Up to 100 dB Dynamic Range
l 2.4 V to 5.0 V supply
l Sample rates up to 96 kHz
l Digital Tone Control
—3 selectable HPF and LPF corner frequencies
—12 dB boost for bass and treble - 1 dB step size
l Programmable Digital volume control
—+18 to -96 dB in 1 dB steps
l Peak signal soft limiting
l De-emphasis for 32 kHz, 44.1 kHz, and 48
kHz
l Selectable outputs for each channel including
—Channel A: R, L, mono (L + R) / 2, mute
—Channel B: R, L, mono (L + R) / 2, mute
l PWM PopGuard®
Description
The CS44210 is a complete stereo digital-to-PWM Class D au-
dio amplifier system controller including interpolation, volume
control, half bridge PWM driver outputs, and an integrated
CS44L10 headphone amplifier in a 24-pin TSSOP package.
The CS44210 architecture uses a direct-to-digital approach
that maintains digital signal integrity to the final output filter.
This minimizes analog interference effects that can negatively
affect system performance.
The CS44210 contains on-chip digital bass and treble boost,
peak signal limiting, and de-emphasis. The PWM amplifier can
achieve greater than 90% efficiency. This efficiency leads to
longer battery life for portable systems, smaller device pack-
age, less heat sink requirements, and smaller power supplies.
The CS44210 provides all the controls necessary to drive high-
er voltage output stages for increased power levels.
The CS44210 is ideal for integrated, mult-function systems
such as shelf-top audio systems, audio mini systems, audio
video receivers (AVR), boom boxes and powered speakers.
ORDERING INFORMATION
CS44210-KZ
-10 to 70 °C
24-pin TSSOP
Multibit
∆Σ
Modulator with
Correction
Multibit
∆Σ
Modulator with
Correction
Digital V olume
Control,
Bass/Treble
Boost,
Compression
Limiting,
De-emphasis
Control Port
SCL/CCLK/DIF0
MCLK
Input
MUX
and
Serial
Port
SDA/CDIN/DEM
VL
PW M
Conversion
PW M
Conversion
SYNC_CLK
DRIV ER_B
HP_B
VA_HPB
GND_HPB
Level
Shifter
VA_HPA
Level
Shifter
HP_A
GND_HPA
RST
Interpolation
AD1/CDOUT
TSTIN
SCLK
LRCK
Input Sampling Rate
LRCLK/MCLK Ratio
AD0/CS/DIF1
SDIN1
SDIN2
SDIN3
DRIVER_A
VD
GND
MAY ‘01
DS539PP1


Similar Part No. - CS44210

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
CS4420C YONGFUKANG-CS4420C Datasheet
3Mb / 13P
130mW
More results

Similar Description - CS44210

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS44L10 CIRRUS-CS44L10 Datasheet
601Kb / 34P
Digital PWH Headphone Monitor
logo
Weltrend Semiconductor
WT6014 WELTREND-WT6014 Datasheet
436Kb / 19P
Digital Monitor Controller
logo
List of Unclassifed Man...
WT6016 ETC-WT6016 Datasheet
567Kb / 24P
Digital Monitor Controller
WT60P1 ETC-WT60P1 Datasheet
567Kb / 24P
Digital Monitor Controller
WT6018 ETC-WT6018 Datasheet
527Kb / 23P
Digital Monitor Controller
WT6248 ETC1-WT6248 Datasheet
43Kb / 4P
Digital Monitor Controller with USB Function
logo
Texas Instruments
UCD9240 TI-UCD9240_08 Datasheet
1Mb / 38P
Digital PWM System Controller
UCD9220 TI-UCD9220 Datasheet
1Mb / 37P
Digital PWM System Controller
UCD9224 TI-UCD9224 Datasheet
1Mb / 34P
Digital PWM System Controller
logo
Integrated Device Techn...
ZSPM1000 IDT-ZSPM1000 Datasheet
92Kb / 2P
True Digital PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com