Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS44210 Datasheet(PDF) 13 Page - Cirrus Logic

Part # CS44210
Description  DIGITAL PWM CONTROLLER WITH HEADPHONE MONITOR
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44210 Datasheet(HTML) 13 Page - Cirrus Logic

Back Button CS44210 Datasheet HTML 9Page - Cirrus Logic CS44210 Datasheet HTML 10Page - Cirrus Logic CS44210 Datasheet HTML 11Page - Cirrus Logic CS44210 Datasheet HTML 12Page - Cirrus Logic CS44210 Datasheet HTML 13Page - Cirrus Logic CS44210 Datasheet HTML 14Page - Cirrus Logic CS44210 Datasheet HTML 15Page - Cirrus Logic CS44210 Datasheet HTML 16Page - Cirrus Logic CS44210 Datasheet HTML 17Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
CS44210
DS539PP1
13
3. REGISTER QUICK REFERENCE
Addr
Function
7
6
5
4
3
2
1
0
2h
Power and Muting
Control
SZC1
SZC0
PDN
FLT
RUPBYP
RDNBYP
Reserved
Reserved
default
101
000
00
3h
Channel A
Volume Control
VOLA7
VOLA6
VOLA5
VOLA4
VOLA3
VOLA2
VOLA1
VOLA0
default
000
000
00
4h
Channel B
Volume Control
VOLB7
VOLB6
VOLB5
VOLB4
VOLB3
VOLB2
VOLB1
VOLB0
default
000
000
00
5h
Tone Control
BB3
BB2
BB1
BB0
TB3
TB2
TB1
TB0
default
000
000
00
6h
Mode Control 1
BBCF1
BBCF0
TBCF1
TBCF0
TC1
TC0
TC_EN
LIM_EN
default
000
000
00
7h
Limiter Attack Rate
ARATE7
ARATE6
ARATE5
ARATE4
ARATE3
ARATE2
ARATE1
ARATE0
default
000
100
00
8h
Limiter Release Rate
RRATE7
RRATE6
RRATE5
RRATE4
RRATE3
RRATE2
RRATE1
RRATE0
default
001
000
00
9h
Volume and Mixing
Control
IS1
IS0
RMP_SP1 RMP_SP0
ATAPI3
ATAPI2
ATAPI1
ATAPI0
default
000
110
01
Ah
Mode Control2
MCLKDIV
CLKDV1
CLKDV0
DBS
FRQSFT1 FRQSFT0
DEM1
DEM0
default
000
000
00
Bh
Mode Control 3
DIF1
DIF0
A=B
VCBYP
CP_EN
FREEZE
Reserved
Reserved
default
000
000
00
Ch
Revision Indicator
Reserved
Reserved
Reserved
Reserved
REV3
REV2
REV1
REV0
default
0
0
0
0
Read Only Read Only Read Only Read Only
Table 1. Register Quick Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com