Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS44210 Datasheet(PDF) 27 Page - Cirrus Logic

Part # CS44210
Description  DIGITAL PWM CONTROLLER WITH HEADPHONE MONITOR
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44210 Datasheet(HTML) 27 Page - Cirrus Logic

Back Button CS44210 Datasheet HTML 23Page - Cirrus Logic CS44210 Datasheet HTML 24Page - Cirrus Logic CS44210 Datasheet HTML 25Page - Cirrus Logic CS44210 Datasheet HTML 26Page - Cirrus Logic CS44210 Datasheet HTML 27Page - Cirrus Logic CS44210 Datasheet HTML 28Page - Cirrus Logic CS44210 Datasheet HTML 29Page - Cirrus Logic CS44210 Datasheet HTML 30Page - Cirrus Logic CS44210 Datasheet HTML 31Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
CS44210
DS539PP1
27
5. PIN DESCRIPTION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
24
23
22
21
20
19
18
17
16
15
Serial Data 2
SDIN2
SDIN3
Serial Data 3
Serial Data 1
SDIN1
RST
Reset
Left/Right Clock
LRCK
GND
Headphone B Ground
Serial Clock
SCLK
HP_B
Headphone B Output
Master Clock
MCLK
VA_HPB
Headphone B Power
Digital Power
VD
VA_HPA
Headphone A Power
Ground
GND
HP_A
Headphone A Output
Interface Power
VL
GND
Headphone A Ground
SCL/CCLK/DIF0 SCL/CCLK/DIF0
SDA/CDIN/DEM SDA/CDIN/DEM
Addr0/ChipSel/DIF1
AD0/CS/DIF1
AD1/CDOUT
Addr1/CDOUT
Sync Clock
SYNC_CLK
DRIVER_A
Driver Output A
Test In
TSTIN
DRIVER_B
DriverOutput B
SDIN1
SDIN2
SDIN3
2
1
24
Serial Audio Data Input (Input) - Input for two’s complement serial audio data. Unused inputs
should be grounded.
LRCK
3
Left Right Clock (Input) - Determines which channel, Left or Right, is currently active on the
serial audio data line. The frequency of the left/right clock must be at the audio sample rate, Fs.
SCLK
4
Serial Clock (Input) - Serial clock for the serial audio interface.
MCLK
5
Master Clock (Input) - Clock source for the PWM modulator and digital filters. Table 11, 12, 13
and 14 illustrate several standard audio sample rates and the required master clock frequen-
cies.
VD
6
Digital Power (Input) - Positive power supply for the digital section. Refer to "Recommended
Operating Conditions" for appropriate voltages.
GND
7, 17
& 22
Ground (Input) - Ground Reference.
VL
8
Logic Power (Input) - Determines the required signal level for the digital input/output. Refer to
"Recommended Operating Conditions" for appropriate voltages.
Sync Clock
11
SYNC_CLK (Output) - Provides a high frequency clock signal at 32 x PWM switching frequency
to synchronize external circuitry, if needed.
TSTIN
12
Test In (Input) - This pin is not used and must remaing floating.
DRIVER_A
DRIVER_B
14
13
DRIVER OUTPUTS(Outputs) Outputs used to drive external power devices.
HP_A
HP_B
18
21
Headphone Outputs (Output) - PWM Headphone Outputs. An external LC filter should be
added to suppress high frequency switching noise. A DC blocking capacitor is also required.
Refer to Typical Connection Diagrams.
VA_HPA
VA_HPB
19
20
Headphone Amplifier Power (Input) - Positive power supply for the headphone amplifier.
Refer to "Recommended Operating Conditions" for appropriate voltages.
RST
23
Reset (Input) - The device enters a low power mode and all internal registers are reset to their
default settings when low. The control port cannot be accessed when Reset is low. See Sec-
tion 6.5
Control Port
Definitions
SCL/CCLK
9
Serial Control Port Clock (Input) - Serial clock for the serial control port. Requires an external
pull-up resistor to VL in Two-Wire mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com