Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS44210 Datasheet(PDF) 17 Page - Cirrus Logic

Part # CS44210
Description  DIGITAL PWM CONTROLLER WITH HEADPHONE MONITOR
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44210 Datasheet(HTML) 17 Page - Cirrus Logic

Back Button CS44210 Datasheet HTML 13Page - Cirrus Logic CS44210 Datasheet HTML 14Page - Cirrus Logic CS44210 Datasheet HTML 15Page - Cirrus Logic CS44210 Datasheet HTML 16Page - Cirrus Logic CS44210 Datasheet HTML 17Page - Cirrus Logic CS44210 Datasheet HTML 18Page - Cirrus Logic CS44210 Datasheet HTML 19Page - Cirrus Logic CS44210 Datasheet HTML 20Page - Cirrus Logic CS44210 Datasheet HTML 21Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
CS44210
DS539PP1
17
4.5 Mode Control 1 (address 06h)
4.5.1 BASS BOOST CORNER FREQUENCY (BBCF)
Default = 00
00 - 50 Hz
01 - 100 Hz
10 - 200 Hz
11 - Reserved
Function:
The bass boost corner frequency is user-selectable. The corner frequency is a function of LRCK (sam-
pling frequency), the DBS bit and the BBCF bits as shown in Table 5 and Table 6.
4.5.2 TREBLE BOOST CORNER FREQUENCY (TBCF)
Default = 00
00 - 2 kHz
01 - 4 kHz
10 - 7 kHz
11 - Reserved
Function:
The treble boost corner frequency is user selectable. The corner frequency is a function of LRCK (sam-
pling frequency) and the TBCF bits as shown in Table 7.
Note: Treble Boost is not available in Double Speed Mode.
76543
210
BBCF1
BBCF0
TBCF1
TBCF0
TC1
TC0
TC_EN
LIM_EN
00000
000
BBCF
Fs
LRCK in Single Speed Mode (DBS=0)
48 kHz
24 kHz
12 kHz
8 kHz
00
50 Hz
25 Hz
12.5 Hz
8.33 Hz
01
100 Hz
50 Hz
25 Hz
16.7 Hz
10
200 Hz
100 Hz
50 Hz
33.3 Hz
11
Reserved
Reserved
Reserved
Reserved
Table 5. Base Boost Corner Frequencies in Single Speed Mode
BBCF
Fs
LRCK in Double Speed Mode (DBS=1)
96 kHz
48 kHz
24 kHz
16 kHz
00
50 Hz
25 Hz
12.5 Hz
8.33 Hz
01
100 Hz
50 Hz
25 Hz
16.7 Hz
10
200 Hz
100 Hz
50 Hz
33.3 Hz
11
Reserved
Reserved
Reserved
Reserved
Table 6. Base Boost Corner Frequencies in Double Speed Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com