Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS44210 Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS44210
Description  DIGITAL PWM CONTROLLER WITH HEADPHONE MONITOR
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS44210 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS44210 Datasheet HTML 15Page - Cirrus Logic CS44210 Datasheet HTML 16Page - Cirrus Logic CS44210 Datasheet HTML 17Page - Cirrus Logic CS44210 Datasheet HTML 18Page - Cirrus Logic CS44210 Datasheet HTML 19Page - Cirrus Logic CS44210 Datasheet HTML 20Page - Cirrus Logic CS44210 Datasheet HTML 21Page - Cirrus Logic CS44210 Datasheet HTML 22Page - Cirrus Logic CS44210 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
CS44210
DS539PP1
19
4.6 Limiter Attack Rate (address 07h) (ARATE)
Default = 10h - 2 LRCK’s per 1/8 dB
Function:
The limiter attack rate is user-selectable. The rate is a function of sampling frequency, As, and the value
in the Limiter Attack Rate register. Rates are calculated using the function RATE = 32/{value}, where {val-
ue} is the decimal value in the Limiter Attack Rate register and RATE is in LRCK’s per 1/8 dB of change.
Note: A value of zero in this register is not recommended, as it will induce erratic behavior of the limiter.
Use the LIM_EN bit to disable the limiter function (see "Peak Signal Limiter Enable (LIM_EN)").
4.7 Limiter Release Rate (address 08h) (RRATE)
Default = 20h - 16 LRCK’s per 1/8 dB
Function:
The limiter release rate is user-selectable. The rate is a function of sampling frequency, Fs, and the value
in the Limiter Release Rate register. Rates are calculated using the function RATE = 512/{value}, where
{value} is the decimal value in the Limiter Release Rate register and RATE is in LRCK’s per 1/8 dB of
change.
Note: A value of zero in this register is not recommended, as it will induce erratic behavior of the limiter.
Use the LIM_EN bit to disable the limiter function (see "Peak Signal Limiter Enable (LIM_EN)").
76543
210
ARATE7
ARATE6
ARATE5
ARATE4
ARATE3
ARATE2
ARATE1
ARATE0
00010
000
Binary Code
Decimal Value
LRCK’s per 1/8 dB
00000001
1
32
00010100
20
1.6
00101000
40
0.8
00111100
60
0.53
01011010
90
0.356
Table 8. Example Limiter Attack Rate Settings
76543
210
RRATE7
RRATE6
RRATE5
RRATE4
RRATE3
RRATE2
RRATE1
RRATE0
00100
000
Binary Code
Decimal Value
LRCK’s per 1/8 dB
00000001
1
512
00010100
20
25
00101000
40
12
00111100
60
8
01011010
90
5
Table 9. Example Limiter Release Rate Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com