Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP153D Datasheet(PDF) 123 Page - STMicroelectronics

Part # STM32MP153D
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 37 comm. interfaces, 29 timers, adv. analog
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP153D Datasheet(HTML) 123 Page - STMicroelectronics

Back Button STM32MP153D Datasheet HTML 119Page - STMicroelectronics STM32MP153D Datasheet HTML 120Page - STMicroelectronics STM32MP153D Datasheet HTML 121Page - STMicroelectronics STM32MP153D Datasheet HTML 122Page - STMicroelectronics STM32MP153D Datasheet HTML 123Page - STMicroelectronics STM32MP153D Datasheet HTML 124Page - STMicroelectronics STM32MP153D Datasheet HTML 125Page - STMicroelectronics STM32MP153D Datasheet HTML 126Page - STMicroelectronics STM32MP153D Datasheet HTML 127Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 254 page
background image
DS12502 Rev 3
123/254
STM32MP153A/D
Electrical characteristics
233
6.3
Operating conditions
5. When several inputs are submitted to a current injection, the maximum ∑IINJ(PIN) is the absolute sum of the
positive and negative injected currents (instantaneous values).
Table 12. Thermal characteristics
Symbol
Ratings
Value
Unit
TSTG
Storage temperature range
-65 to +150
°C
TJ
Maximum junction temperature (suffix 1)
105
Maximum junction temperature (suffix 3)
125
Table 13. General operating conditions
Symbol
Parameter
Operating conditions
Min.
Typ
Max.
Unit
Fmpuss_ck
Cortex-A7 subsystem
STM32MP153A
0
-
650
MHz
STM32MP153D
0
-
800
Faxiss_ck, Fhclk5,
Fhclk6
Internal AXI, AHB5,
AHB6 clock
frequency
-
0
-
266
Fmcu_ck
Internal MCU AHB
clock frequency
-
0
-
209
Fpclk1
Internal APB1 clock
frequency
-
0
-
104.5
Fpclk2
Internal APB2 clock
frequency
-
0
-
104.5
Fpclk3
Internal APB3 clock
frequency
-
0
-
104.5
Fpclk4
Internal APB4 clock
frequency
-
0
-
133
Fpclk5
Internal APB5 clock
frequency
-
0
-
133
VDD
I/Os and embedded
regulators (REG1V1,
REG1V8) supply
voltage
SYSCFG_IOCTRLSETR = 0
1.71(1)(2)
-
3.6
V
SYSCFG_IOCTRLSETR ≠ 0
1.71
-
2.7
VDD_ANA(3)
System analog
supply voltage
-
1.71
-
3.6
V
VDD_PLL,
VDD_PLL2(4)
PLL supply voltage
-
1.71
-
3.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com