Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP153D Datasheet(PDF) 125 Page - STMicroelectronics

Part # STM32MP153D
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 37 comm. interfaces, 29 timers, adv. analog
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP153D Datasheet(HTML) 125 Page - STMicroelectronics

Back Button STM32MP153D Datasheet HTML 121Page - STMicroelectronics STM32MP153D Datasheet HTML 122Page - STMicroelectronics STM32MP153D Datasheet HTML 123Page - STMicroelectronics STM32MP153D Datasheet HTML 124Page - STMicroelectronics STM32MP153D Datasheet HTML 125Page - STMicroelectronics STM32MP153D Datasheet HTML 126Page - STMicroelectronics STM32MP153D Datasheet HTML 127Page - STMicroelectronics STM32MP153D Datasheet HTML 128Page - STMicroelectronics STM32MP153D Datasheet HTML 129Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 254 page
background image
DS12502 Rev 3
125/254
STM32MP153A/D
Electrical characteristics
233
6.3.1
General operating conditions
6.3.2
Operating conditions at power-up / power-down
Subject to general operating conditions.
VIN
I/O Input voltage
TTxa I/O
-0.3
-
VDD+0.3
V
OTG_VBUS I/O
-0.3
-
6
DDR I/O
-0.3
-
VDDQ_DDR
USB HS I/O
-1
-
5.25
All I/O except TTxa
-0.3
-
See(12)
TJ
Junction temperature
range
Suffix 1 version
-20
-
105
oC
Suffix 3 version
-40
-
125
1. Once nRST is released functionality is guaranteed down to VBOR falling edge max.
2. Min VDD is 2.25 V when REG1V8 is used BYPASS_REG1V8 = 0.
3. Should be connected to same power supply voltage as VDD.
4. It is recommended to connect VDD_PLL and VDD_PLL2 to same power supply as VDD.
5. Only for STM32MP153Dxx1 devices
6. 1.25 V is the max allowed voltage, however LPLV-Stop mode is only relevant for VDDCORE up to 0.95 V. In LPLV-Stop
mode, if VDDQ_DDR is not shutdown, to avoid overconsumption on VDDQ_DDR, the DDR memory must be put in
SelfRefresh and DDR PHY must be set in retention mode (setting bit DDRRETEN: DDR retention enable of PWR control
register 3 (PWR_CR3)).
7. DAC cannot be used with VREF below 1.8 V.
8. ADC cannot be used with VREF below 2 V and VDDA above 2 V.
9. Depending on package selected, either VDD3V3_USBFS and VDD3V3_USBHS or only VDD3V3_USB are available.
10. For operation with voltage higher than Min (VDD, VDDA, VDD3V3_USBFS) +0.3 V, the internal Pull-up and Pull-Down resistors
must be disabled.
11. Independent from any other supply.
12. Min(VDD, VDDA, VDD3V3_USBFS) +3.6 V < 5.5 V. This formula has to be applied on power supplies related to the IO structure
described by the pin definition table.
Table 13. General operating conditions (continued)
Symbol
Parameter
Operating conditions
Min.
Typ
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com