Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP153D Datasheet(PDF) 131 Page - STMicroelectronics

Part # STM32MP153D
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 37 comm. interfaces, 29 timers, adv. analog
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP153D Datasheet(HTML) 131 Page - STMicroelectronics

Back Button STM32MP153D Datasheet HTML 127Page - STMicroelectronics STM32MP153D Datasheet HTML 128Page - STMicroelectronics STM32MP153D Datasheet HTML 129Page - STMicroelectronics STM32MP153D Datasheet HTML 130Page - STMicroelectronics STM32MP153D Datasheet HTML 131Page - STMicroelectronics STM32MP153D Datasheet HTML 132Page - STMicroelectronics STM32MP153D Datasheet HTML 133Page - STMicroelectronics STM32MP153D Datasheet HTML 134Page - STMicroelectronics STM32MP153D Datasheet HTML 135Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 254 page
background image
DS12502 Rev 3
131/254
STM32MP153A/D
Electrical characteristics
233
REG1V8 embedded regulator (USB)
6.3.6
Supply current characteristics
The current consumption is a function of several parameters and factors such as the
operating voltage, ambient temperature, I/O pin loading, device software configuration,
operating frequencies, I/O pin switching rate, program location in memory and executed
binary code.
The current consumption is measured as described in Figure 12: Current consumption
measurement scheme.
All the Run mode current consumption measurements given in this section are performed
with a CoreMark code unless otherwise specified.
Typical and maximum current consumption
The device is placed under the following conditions:
•
All I/O pins are in analog input mode except when explicitly mentioned.
•
All peripherals are disabled except when explicitly mentioned.
•
The maximum values are obtained for VDD/VBAT = 3.6 V and VDDCORE = 1.25 V, and
the typical values for VDD/VBAT = 3.3 V and VDDCORE = 1.2 V unless otherwise
specified.
The parameters given in Table 21 to Table 25 are derived from tests performed under
supply voltage conditions summarized in Table 13: General operating conditions.
Table 19. REG1V8 embedded regulator (USB) characteristics(1)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VDD
Regulator input voltage
-
2.25
3.3
3.6
V
VDDA1V8_
REG
Regulated output voltage
after trimming
1.7
1.8
1.9
V
CL
Load Capacitor
-
0.5
2.2(2)
3.3
µF
esr
Equivalent Serial Resistor of Cload
-
0.1
25
600
mΩ
Iload
Static load current(3)
-
-
-
70
mA
tSTART
Start-up time. from
PWR_CR3.REG11EN = 1 to
PWR_CR3.REG11RDY = 1
CL=2.2uF
-
81
-
µs
CL=3.3uF
-
-
150
IINRUSH
VDD Inrush Current to load external
capacitor at start
-
-
80
100
mA
IVDD
Regulator Current consumption on
VDD
Regulator Enabled and Iload =
0 mA
-
130
181
µA
Regulator Enabled and Iload =
70 mA
-
170
231
1. Guaranteed by design.
2. For better dynamic performances a 2.2 μF typical value external capacitor is recommended.
3. Load is for internal STM32MP153A/D analog blocks, no additional external load is accepted unless mentioned.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com