Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32MP153D Datasheet(PDF) 132 Page - STMicroelectronics

Part # STM32MP153D
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, TFT, 37 comm. interfaces, 29 timers, adv. analog
PDF  254 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP153D Datasheet(HTML) 132 Page - STMicroelectronics

Back Button STM32MP153D Datasheet HTML 128Page - STMicroelectronics STM32MP153D Datasheet HTML 129Page - STMicroelectronics STM32MP153D Datasheet HTML 130Page - STMicroelectronics STM32MP153D Datasheet HTML 131Page - STMicroelectronics STM32MP153D Datasheet HTML 132Page - STMicroelectronics STM32MP153D Datasheet HTML 133Page - STMicroelectronics STM32MP153D Datasheet HTML 134Page - STMicroelectronics STM32MP153D Datasheet HTML 135Page - STMicroelectronics STM32MP153D Datasheet HTML 136Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 254 page
background image
Table 20. Current consumption (IDDCORE) in Run mode(1)
Symbol
Parameter
Conditions
Typ
Max
Unit
-
MPU SS
mode
MCU
SS
mode
Oscillator
MPU
clk
(MHz)
MCU
clk
(MHz)
Tj =
25 °C
Tj =
25 °C
Tj =
85 °C
Tj =
105 °C
Tj =
125 °C
IDDCORE
Supply
current in
Run mode
All peripherals
enabled(2)
CRun
(P0Run,
P1Run)
CRun
HSE+HSI+LSI+PLL
800(3)
209
575
620
865
1050
mA
744(3)
560
605
850
1035
648
400
485
675
815
1000
600
385
475
660
805
1000
400
340
420
610
750
945
IDDCORE
Supply
current in
Run mode
All peripherals
enabled(2)
CRun
(P0Run,
P1Run)
CStop
HSE+HSI+LSI+PLL
800(3)
209
560
610
850
1040
mA
744(3)
545
590
835
1025
648
385
475
660
805
1000
600
375
460
650
795
990
400
325
405
595
740
935
IDDCORE
Supply
current in
Run mode
All peripherals
disabled
CRun
(P0Run,
P1Run)
CStop
HSE+HSI+LSI+PLL
800(3)
209
415
460
710
895
mA
744(3)
400
445
695
880
648
275
345
535
680
880
600
270
335
525
665
865
400
235
295
470
615
810



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com