Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

845GL Datasheet(PDF) 68 Page - Intel Corporation

Part # 845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

845GL Datasheet(HTML) 68 Page - Intel Corporation

Back Button 845GL Datasheet HTML 64Page - Intel Corporation 845GL Datasheet HTML 65Page - Intel Corporation 845GL Datasheet HTML 66Page - Intel Corporation 845GL Datasheet HTML 67Page - Intel Corporation 845GL Datasheet HTML 68Page - Intel Corporation 845GL Datasheet HTML 69Page - Intel Corporation 845GL Datasheet HTML 70Page - Intel Corporation 845GL Datasheet HTML 71Page - Intel Corporation 845GL Datasheet HTML 72Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 193 page
background image
Register Description
68
Intel® 82845G/82845GL/82845GV GMCH Datasheet
3.5.1.23
ESMRAMC—Extended System Management RAM Control Register
(Device 0)
Address Offset:
9Eh
Default Value:
38h
Access:
R/W, R/WC, RO, L
Size:
8 bits
The Extended SMRAM register controls the configuration of Extended SMRAM space. The
Extended SMRAM (E_SMRAM) memory provides a write-back cacheable SMRAM memory
space that is above 1 MB.
Note: When Extended SMRAM is used, the maximum amount of SDRAM accessible is limited to
256 MB.
Bit
Description
7
Enable High SMRAM (H_SMRAME)—R/W, L.
This bit controls the SMM memory space location
(i.e., above 1 MB or below 1 MB).
0 = Disable
1 = Enable. When G_SMRAME is 1 and H_SMRAME this bit is set to 1, the high SMRAM memory
space is enabled. SMRAM accesses within the range 0FEDA0000h to 0FEDBFFFFh are
remapped to SDRAM addresses within the range 000A0000h to 000BFFFFh.
NOTE:
Once D_LCK has been set, this bit becomes read only.
6
Invalid SMRAM Access (E_SMERR)—R/WC.
0 = Software must write a 1 to this bit to clear it.
1 = This bit is set when processor has accessed the defined memory ranges in Extended SMRAM
(High Memory and T-segment) while not in SMM space and with the D-OPEN bit = 0.
5
SMRAM Cacheable (SM_CACHE)—RO.
Hardwired to 1.
4
L1 Cache Enable for SMRAM (SM_L1)—RO.
Hardwired to 1.
3
L2 Cache Enable for SMRAM (SM_L2)—RO.
Hardwired to 1.
2:1
TSEG Size (TSEG_SZ)—R/W, L.
This field selects the size of the TSEG memory block if enabled.
This memory is taken from the top of SDRAM space (TOM – TSEG_SZ), which is no longer claimed
by the memory controller (all accesses to this space are sent to the hub interface if TSEG_EN is set).
00 = Reserved
01 = Reserved
10 = (TOM – 512 k) to TOM
11 = (TOM – 1 M) to TOM
NOTE:
Once D_LCK is set, this bit becomes read only.
0
TSEG Enable (TSEG_EN)—R/W, L.
0 = Disable.
1 = Enable. Enabling of SMRAM memory for Extended SMRAM space only. When
G_SMRAME =1 and TSEG_EN = 1, the TSEG is enabled to appear in the appropriate physical
address space.
NOTE:
Once D_LCK is set, this bit becomes read only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com