Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

845GL Datasheet(PDF) 91 Page - Intel Corporation

Part # 845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

845GL Datasheet(HTML) 91 Page - Intel Corporation

Back Button 845GL Datasheet HTML 87Page - Intel Corporation 845GL Datasheet HTML 88Page - Intel Corporation 845GL Datasheet HTML 89Page - Intel Corporation 845GL Datasheet HTML 90Page - Intel Corporation 845GL Datasheet HTML 91Page - Intel Corporation 845GL Datasheet HTML 92Page - Intel Corporation 845GL Datasheet HTML 93Page - Intel Corporation 845GL Datasheet HTML 94Page - Intel Corporation 845GL Datasheet HTML 95Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 193 page
background image
Intel® 82845G/82845GL/82845GV GMCH Datasheet
91
Register Description
The bit field definitions for VGAEN and MDAP are detailed in Table 3-4.
3.5.2.22
ERRCMD1—Error Command Register (Device 1)
Address Offset:
40h
Default Value:
00h
Access:
R/W
Size:
8 bits
Table 3-4. VGAEN and MDAP Bit Definitions
VGAEN
MDAP
Description
0
0
All References to MDA and VGA space are routed to hub interface.
0
1
Illegal combination
10
All VGA references are routed to this bus. MDA references are routed to the hub
interface.
1
1
All VGA references are routed to this bus. MDA references are routed to hub interface.
Bit
Description
7:1
Reserved.
0
SERR on Receiving Target Abort (SERTA).
SERR messaging for Device 1 is globally enabled in
the PCICMD1 register.
0 = Disable. The GMCH does not assert an SERR message upon receipt of a target abort on
PCI_B.
1 = Enable. The GMCH generates an SERR message over the hub interface upon receiving a
target abort on PCI_B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com