Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

845GL Datasheet(PDF) 37 Page - Intel Corporation

Part # 845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

845GL Datasheet(HTML) 37 Page - Intel Corporation

Back Button 845GL Datasheet HTML 33Page - Intel Corporation 845GL Datasheet HTML 34Page - Intel Corporation 845GL Datasheet HTML 35Page - Intel Corporation 845GL Datasheet HTML 36Page - Intel Corporation 845GL Datasheet HTML 37Page - Intel Corporation 845GL Datasheet HTML 38Page - Intel Corporation 845GL Datasheet HTML 39Page - Intel Corporation 845GL Datasheet HTML 40Page - Intel Corporation 845GL Datasheet HTML 41Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 193 page
background image
Intel® 82845G/82845GL/82845GV GMCH Datasheet
37
Signal Description
Table 2-2 shows the VTT/VDD, VREF, RCOMP, and VSWING levels for the various interfaces.
NOTE:
1. For the Pentium 4 processor with 512-KB L2 cache on 0.13 Micron Process, VTT range is 1.29 V–1.525 V.
For the Pentium 4 processor with 256-KB L2 cache, VTT range is 1.535 V– 1.75 V
2. Refer to the Intel® Pentium® 4 Processor in 478-Pin Package and Intel® 845G/845GL/845GV Chipset
Platform Design Guide for details.
2.9
Power and Ground Signals
Table 2-2. Voltage Levels and RCOMP for Various Interfaces
Interface
VTT/VDD
(Volts)
VREF
(volts)
RCOMP
(
Ω)
RCOMP
term
Vswing
(Volts)
Core
1.5 V
NA
NA
Note 2
NA
AGTL+
1.15 -1.75 V(1)
2/3 * VTT
25
1/3*VTT
AGP/DVO
1.5 V
0.5 * VDD
40
NA
HI1.5
1.5 V
0.35
69
0.7
DDR - SSTL_2
1.25/2.5 V
0.5 * VDD
60
NA
SDR - LVTTL
3.3 V
0.5 * VDD
20
NA
Signal Name
Description
VCC
VCC for 1.5 V core.
VSS
GND supply.
VCCAGP
VCC for AGP – 1.5 V.
VCCA_FSB
Analog Vcc for the Host PLL – 1.5 V. This supply requires special filtering. Refer to the Intel®
Pentium® 4 Processor in 478-Pin Package and Intel® 845G/845GL/845GV Chipset Platform
Design Guide for details.
VTTFSB
VTT supply for PSB, having a range of 1.15 V–1.75 V.
VTTDECAP
VTT edge cap connection supply. Do not connect to MB VTT supply. Refer to the Intel®
Pentium® 4 Processor in 478-Pin Package and Intel® 845G/845GL/845GV Chipset Platform
Design Guide for implementation.
VCCA_HI
Analog VCC for the HI/AGP PLL – 1.5 V. Does not require special filtering.
VCCHL
VCC for Hub Interface – 1.5 V.
VCCA_DPLL
Analog Vcc for the Display PLL – 1.5 V. This supply requires special filtering. Refer to the
Intel® Pentium® 4 Processor in 478-Pin Package and Intel® 845G/845GL/845GV Chipset
Platform Design Guide for details.
VCCA_DAC
Analog Vcc for the DAC – 1.5 V. Refer to the Intel® Pentium® 4 Processor in 478-Pin
Package and Intel® 845G/845GL/845GV Chipset Platform Design Guide for supply
requirements.
VSSA_DAC
Analog Vss for the DAC. This supply should go directly to motherboard ground.
VCCGPIO
Vcc for GPIO – 3.3 V.
VCCSM
Vcc for System Memory – 3.3 V for SDR, 2.5 V for DDR.
VCCA_SM
Analog VCC for System Memory DLL – 1.5 V supply requires special filtering. Refer to the
Intel® Pentium® 4 Processor in 478-Pin Package and Intel® 845G/845GL/845GV Chipset
Platform Design Guide for details.
VCCQSM
Quiet VCC for System Memory – 3.3 V for SDR, 2.5 V for DDR. Supply requires special
filtering. Refer to the Intel® Pentium® 4 Processor in 478-Pin Package and Intel® 845G/
845GL/845GV Chipset Platform Design Guide for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com