Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

845GL Datasheet(PDF) 49 Page - Intel Corporation

Part # 845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

845GL Datasheet(HTML) 49 Page - Intel Corporation

Back Button 845GL Datasheet HTML 45Page - Intel Corporation 845GL Datasheet HTML 46Page - Intel Corporation 845GL Datasheet HTML 47Page - Intel Corporation 845GL Datasheet HTML 48Page - Intel Corporation 845GL Datasheet HTML 49Page - Intel Corporation 845GL Datasheet HTML 50Page - Intel Corporation 845GL Datasheet HTML 51Page - Intel Corporation 845GL Datasheet HTML 52Page - Intel Corporation 845GL Datasheet HTML 53Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 193 page
background image
Intel® 82845G/82845GL/82845GV GMCH Datasheet
49
Register Description
90–96h
PAM[0:6]
Programmable Attribute Map
00h
RO, R/W
97h
FDHC
Fixed SDRAM Hole Control
00h
RO, R/W
98–9Ch
—
Intel Reserved
—
—
9D
SMRAM
System Management RAM Control
02h
RO, R/W, L
9E
ESMRAMC
Extended System Management RAM Control
38h
RO, R/W,
RWC, L
9Fh
—
Intel Reserved
—
—
A0–A3h
ACAPID
AGP Capability Identifier
0020 0002h
RO
A4–A7h
AGPSTAT
AGP Status
1F00 0217h
RO
A8–ABh
AGPCMD
AGP Command
0000 0000h
RO, R/W
AC–AFh
—
Intel Reserved
—
—
B0–B3h
AGPCTRL
AGP Control
0000 0000h
RO, R/W
B4h
APSIZE
Aperture Size
00h
RO, R/W
B5–B7h
—
Intel Reserved
—
—
B8–BBh
ATTBASE
Aperture Translation Table
00000000h
RO, R/W
BCh
AMTT
AGP MTT Control R
10h
RO, R/W
BDh
LPTT
AGP Low Priority Transaction Timer
10h
RO, R/W
BE–C5h
—
Intel Reserved
—
—
C6–C7h
GMCHCFG
GMCH Configuration
0C01h
RWO, RO,
R/W
C8–C9h
ERRSTS
Error Status
0000h
R/WC
CA–CBh
ERRCMD
Error Command
0000h
RO, R/W
CC–CDh
SMICMD
SMI Command
0000h
RO, R/W
CE–CFh
SCICMD
SCI Command
0000h
RO, R/W
D0–DDh
—
Intel Reserved
—
—
DE–DFh
SKPD
Scratchpad Data
0000h
R/W
E0–E3h
—
Intel Reserved
—
—
E4–E8h
CAPREG
Capability Identification
0x_x105_A009h
RO
E9–FFh
—
Intel Reserved
—
—
Table 3-1. DRAM Controller/Host-Hub Register Address Map (Device 0) (Sheet 2 of 2)
Address
Offset
Symbol
Register Name
Default Value
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com