Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

845GL Datasheet(PDF) 87 Page - Intel Corporation

Part # 845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

845GL Datasheet(HTML) 87 Page - Intel Corporation

Back Button 845GL Datasheet HTML 83Page - Intel Corporation 845GL Datasheet HTML 84Page - Intel Corporation 845GL Datasheet HTML 85Page - Intel Corporation 845GL Datasheet HTML 86Page - Intel Corporation 845GL Datasheet HTML 87Page - Intel Corporation 845GL Datasheet HTML 88Page - Intel Corporation 845GL Datasheet HTML 89Page - Intel Corporation 845GL Datasheet HTML 90Page - Intel Corporation 845GL Datasheet HTML 91Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 193 page
background image
Intel® 82845G/82845GL/82845GV GMCH Datasheet
87
Register Description
3.5.2.17
MBASE1—Memory Base Address Register (Device 1)
Address Offset:
20–21h
Default Value:
FFF0h
Access:
R/W
Size:
16 bits
This register controls the processor to PCI_B non-prefetchable memory access routing based on
the following formula:
MEMORY_BASE
≤ address ≤ MEMORY_LIMIT
The upper 12 bits of the register are read/write and correspond to the upper 12 address bits
A[31:20] of the 32-bit address. The bottom four bits of this register are read only and return zeros
when read. This register must be initialized by the configuration software. For the purpose of
address decode, address bits A[19:0] are assumed to be 0. Thus, the bottom of the defined memory
address range will be aligned to a 1-MB boundary.
Bit
Description
15:4
Memory Address Base (MBASE).
This field corresponds to A[31:20] of the lower limit of the
memory range that will be passed by the Device 1 bridge to AGP/PCI_B.
3:0
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com