Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

845GL Datasheet(PDF) 13 Page - Intel Corporation

Part # 845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

845GL Datasheet(HTML) 13 Page - Intel Corporation

Back Button 845GL Datasheet HTML 9Page - Intel Corporation 845GL Datasheet HTML 10Page - Intel Corporation 845GL Datasheet HTML 11Page - Intel Corporation 845GL Datasheet HTML 12Page - Intel Corporation 845GL Datasheet HTML 13Page - Intel Corporation 845GL Datasheet HTML 14Page - Intel Corporation 845GL Datasheet HTML 15Page - Intel Corporation 845GL Datasheet HTML 16Page - Intel Corporation 845GL Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 193 page
background image
Intel® 82845G/82845GL/82845GV GMCH Datasheet
13
Introduction
Introduction
1
This Graphics and Memory Controller Hub (GMCH) datasheet is for the Intel® 82845G GMCH,
Intel® 82845GL GMCH, and Intel® 82845GV GMCH. The 82845G GMCH is part of the Intel®
845G chipset, the 82845GL GMCH is part of the Intel® 845GL chipset, and the 82845GV GMCH
is part of the Intel® 845GV chipset. Each chipset contains two main components: Graphics and
Memory Controller Hub (GMCH) for the host bridge and I/O Controller Hub for the I/O
subsystem. The GMCH provides the processor interface, system memory interface, hub interface,
and additional interfaces in an 845G / 845GL / 845GV chipset desktop platform. Each GMCH
contains an integrated graphics controller (IGD). The 845G chipset, 845GL chipset, and 845GV
chipset use the 82801DB ICH4 for the I/O Controller Hub.
The following are the key feature differences between the 82845G GMCH, 82845GL GMCH, and
82845GV GMCH:
• Processor System Bus (PSB) frequency
— 82845G and 82845GV support 533 MHz/400 MHz frequencies and Hyper-Threading
Technology.
— 82845GL supports 400 MHz only and does not support Hyper-Threading Technology.
• AGP Interface
— 82845G supports AGP. The AGP interface signals are multiplexed with the Intel® DVO
interface signals.
— 82845GL and 82845GV do not support AGP.
Chapter 1 through Chapter 8 describe the 82845G GMCH. The 82845GL GMCH and 82845GV
GMCH are described in Chapter 9.
1.1
Terminology
Term
Description
Accelerated
Graphics Port
(AGP)
This refers to the AGP/PCI_B interface on the GMCH. The GMCH AGP interface
supports only 1.5 V Accelerated Graphics Port Interface, Specification 2.0-compliant
devices using PCI (66 MHz), AGP 1X (66 MHz), 2X (133 MT/s) and 4X (266 MT/s)
transfers. The GMCH does NOT support 3.3 V devices. PIPE# and SBA addressing
cycles and their associated data phases are generally referred to as AGP transactions.
FRAME# cycles are generally referred to as AGP/PCI transactions.
AGP/PCI
AGP/PCI in the document refers to AGP/PCI_B.
Chipset Core
The GMCH internal base logic.
DDR
Double Data Rate SDRAM.
Full Reset
A Full GMCH Reset is defined in this document when RSTIN# is asserted.
GART
Graphics Aperture Re-Map Table. Table in memory containing the page re-map
information used during AGP aperture address translations.
GMCH
The Graphics and Memory Controller Hub (GMCH) component contains the processor
interface, SDRAM controller, AGP interface, and an integrated 3D/2D/display graphics
core. It communicates with the I/O Controller Hub 4 (ICH4) over a proprietary interconnect
called the hub interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com