Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

845GL Datasheet(PDF) 41 Page - Intel Corporation

Part # 845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

845GL Datasheet(HTML) 41 Page - Intel Corporation

Back Button 845GL Datasheet HTML 37Page - Intel Corporation 845GL Datasheet HTML 38Page - Intel Corporation 845GL Datasheet HTML 39Page - Intel Corporation 845GL Datasheet HTML 40Page - Intel Corporation 845GL Datasheet HTML 41Page - Intel Corporation 845GL Datasheet HTML 42Page - Intel Corporation 845GL Datasheet HTML 43Page - Intel Corporation 845GL Datasheet HTML 44Page - Intel Corporation 845GL Datasheet HTML 45Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 193 page
background image
Intel® 82845G/82845GL/82845GV GMCH Datasheet
41
Register Description
Register Description
3
This chapter describes the platform device PCI configuration structure and register accesses
mechanisms. The chapter also provides a detailed description of the GMCH PCI configuration
registers including bit/field descriptions. The GMCH contains two sets of software accessible
registers, accessed via the host processor I/O address space:
• Control registers I/O mapped into the processor I/O space, which control access to PCI and
AGP configuration space (see section entitled I/O Mapped Registers)
• Internal configuration registers residing within the GMCH are partitioned into three logical
device register sets (“logical” since they reside within a single physical device). The first
device register set is dedicated to Host-Hub Interface Bridge functionality (controls PCI Bus 0
including DRAM configuration, other chipset operating parameters, and optional features).
The second device register set is dedicated to Host-AGP/PCI_B Bridge functions (controls
AGP/PCI_B interface configurations and operating parameters). The third device register set
is dedicated to the Integrated Graphics Device (IGD).
Note: This configuration scheme is necessary to accommodate the existing and future software
configuration model supported by Microsoft where the Host Bridge functionality will be supported
and controlled via dedicated and specific driver and “virtual” PCI-to-PCI bridge functionality will
be supported via standard PCI bus enumeration configuration software. The term “virtual” is used
to designate that no real physical embodiment of the PCI-to-PCI bridge functionality exists within
the GMCH, but that GMCH’s internal configuration register sets are organized in this particular
manner to create that impression to the standard configuration software.
The GMCH supports PCI configuration space accesses using the mechanism denoted as
Configuration Mechanism #1 in the PCI Local Bus Specification, Revision 2.1. The GMCH
internal registers (both I/O Mapped and Configuration registers) are accessible by the Host
processor. The registers can be accessed as Byte, Word (16-bit), or DWord (32-bit) quantities, with
the exception of CONFIG_ADDRESS which can only be accessed as a DWord. All multi-byte
numeric fields use “little-endian” ordering (i.e., lower addresses contain the least significant parts
of the field).
3.1
Register Terminology
Term
Description
RO
Read Only.
In some cases, If a register is read only, writes to this register location have no effect.
WO
Write Only.
In some cases, If a register is write only, reads to this register location have no
effect.
R/W
Read/Write.
A register with this attribute can be read and written.
R/WC
Read/Write Clear.
A register bit with this attribute can be read and written. However, a write of 1
clears (sets to 0) the corresponding bit and a write of 0 has no effect.
R/W/L
Read/Write/Lock.
A register with this attribute can be read, written and locked.
R/WO
Read/Write Once.
A register (bit) with this attribute can be written only once after power up.
After the first write, the register (bit) becomes read only.
L
Lock.
A register bit with this attribute becomes read only after a lock bit is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com