Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

845GL Datasheet(PDF) 98 Page - Intel Corporation

Part # 845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

845GL Datasheet(HTML) 98 Page - Intel Corporation

Back Button 845GL Datasheet HTML 94Page - Intel Corporation 845GL Datasheet HTML 95Page - Intel Corporation 845GL Datasheet HTML 96Page - Intel Corporation 845GL Datasheet HTML 97Page - Intel Corporation 845GL Datasheet HTML 98Page - Intel Corporation 845GL Datasheet HTML 99Page - Intel Corporation 845GL Datasheet HTML 100Page - Intel Corporation 845GL Datasheet HTML 101Page - Intel Corporation 845GL Datasheet HTML 102Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 193 page
background image
Register Description
98
Intel® 82845G/82845GL/82845GV GMCH Datasheet
3.5.3.11
MMADR—Memory Mapped Range Address Register (Device 2)
Address Offset:
14–
17h
Default Value:
00000000h
Access:
R/W, RO
Size:
32 bits
This register requests allocation for the IGD registers and instruction ports. The allocation is for
512 KB and the base address is defined by bits [31:19].
3.5.3.12
SVID2—Subsystem Vendor Identification Register (Device 2)
Address Offset:
2C–
2Dh
Default Value:
0000h
Access:
R/WO
Size:
16 bits
3.5.3.13
SID2—Subsystem Identification Register (Device 2)
Address Offset:
2E–
2Fh
Default Value:
0000h
Access:
R/WO
Size:
16 bits
Bit
Description
31:19
Memory Base Address— R/W.
Set by the operating system. These bits correspond to address
signals [31:19].
18:4
Address Mask— RO.
Hardwired to zeros to indicate 512-KB address range.
3
Prefetchable Memory— RO.
Hardwired to 0 to prevent prefetching.
2:1
Memory Type— RO.
Hardwired to zeros to indicate 32-bit address.
0
Memory / IO Space— RO.
Hardwired to 0 to indicate memory space.
Bit
Description
15:0
Subsystem Vendor ID.
This value is used to identify the vendor of the subsystem. This register
should be programmed by BIOS during boot-up. Once written, this register becomes read only. This
register can only be cleared by a Reset.
Bit
Description
15:0
Subsystem Identification.
This value is used to identify a particular subsystem. This field should be
programmed by BIOS during boot-up. Once written, this register becomes read only. This register
can only be cleared by a Reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com