Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

845GL Datasheet(PDF) 83 Page - Intel Corporation

Part # 845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

845GL Datasheet(HTML) 83 Page - Intel Corporation

Back Button 845GL Datasheet HTML 79Page - Intel Corporation 845GL Datasheet HTML 80Page - Intel Corporation 845GL Datasheet HTML 81Page - Intel Corporation 845GL Datasheet HTML 82Page - Intel Corporation 845GL Datasheet HTML 83Page - Intel Corporation 845GL Datasheet HTML 84Page - Intel Corporation 845GL Datasheet HTML 85Page - Intel Corporation 845GL Datasheet HTML 86Page - Intel Corporation 845GL Datasheet HTML 87Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 193 page
background image
Intel® 82845G/82845GL/82845GV GMCH Datasheet
83
Register Description
3.5.2.8
MLT1—Master Latency Timer Register (Device 1)
Address Offset:
0Dh
Default Value:
00h
Access:
RO, R/W
Size:
8 bits
This functionality is not applicable. It is described here since these bits should be implemented as a
read/write to prevent standard PCI-to-PCI bridge configuration software from getting “confused.”
3.5.2.9
HDR1—Header Type Register (Device 1)
Address Offset:
0Eh
Default Value:
01h
Access:
RO
Size:
8 bits
This register identifies the header layout of the configuration space. No physical register exists at
this location.
3.5.2.10
PBUSN1—Primary Bus Number Register (Device 1)
Address Offset:
18h
Default Value:
00h
Access:
RO
Size:
8 bits
This register identifies that “virtual” PCI-to-PCI bridge is connected to bus #0.
Bit
Description
7:3
Scratchpad MLT (NA7.3).
These bits return the value with which they are written; however, they
have no internal function and are implemented as a scratchpad merely to avoid confusing software.
2:0
Reserved.
Bit
Description
7:0
Header Type Register (HDR).
This read only field always returns 01 to indicate that GMCH Device 1
is a single function device with bridge header layout.
Bit
Description
7:0
Primary Bus Number (BUSN).
Configuration software typically programs this field with the number
of the bus on the primary side of the bridge. Since Device 1 is an internal device and its primary bus
is always 0, these bits are read only and are hardwired to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com