Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

845GL Datasheet(PDF) 36 Page - Intel Corporation

Part # 845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

845GL Datasheet(HTML) 36 Page - Intel Corporation

Back Button 845GL Datasheet HTML 32Page - Intel Corporation 845GL Datasheet HTML 33Page - Intel Corporation 845GL Datasheet HTML 34Page - Intel Corporation 845GL Datasheet HTML 35Page - Intel Corporation 845GL Datasheet HTML 36Page - Intel Corporation 845GL Datasheet HTML 37Page - Intel Corporation 845GL Datasheet HTML 38Page - Intel Corporation 845GL Datasheet HTML 39Page - Intel Corporation 845GL Datasheet HTML 40Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 193 page
background image
Signal Description
36
Intel® 82845G/82845GL/82845GV GMCH Datasheet
2.7
Clocks, Reset, and Miscellaneous Signals
2.8
RCOMP, VREF, VSWING Signals
Signal Name
Type
Description
HCLKP
HCLKN
I
CMOS
Differential Host Clock In: These pins receive a low voltage differential host clock
from the external clock synthesizer.
GCLKIN
I
LVTTL
66 MHz Clock In: This pin receives a 66 MHz clock from the clock synthesizer.
This clock is used by AGP and hub interface clock domains.
DREFCLK
I
LVTTL
Display Clock Input: This pin provides a 48 MHz input clock to the Display PLL
that is used for 2D/Video/Flat Panel and DAC.
RSTIN#
I
LVTTL
Reset In: When asserted, this signal asynchronously resets the GMCH logic. This
signal is connected to the PCIRST# output of the Intel® ICH4. All AGP/PCI output
and bi-directional signals will also tri-state compliant to PCI Local Bus
Specification, Revision 2.0 and PCI Local Bus Specification, Revision 2.1.
PWROK
I
3.3 V
GPIO
Power OK: When asserted, PWROK is an indication to the GMCH that the core
power and GCLKIN have been stable for at least 10 µs.
TESTIN#
I
1.5 V
CMOS
Test Input: This pin is used for manufacturing and board lever test purposes.
Signal Name
Type
Description
HDVREF_[2:0]
I
Host Data Reference Voltage: Reference voltage input for the data signals of the
Host AGTL+ interface.
HA_VREF
I
Host Address Reference Voltage: Reference voltage input for the address
signals of the Host AGTL+ interface.
HCC_VREF
I
Host Common Clock Reference Voltage: Reference voltage input for the
common clock signals of the Host AGTL+ interface.
HX_RCOMP
HY_RCOMP
I/O
CMOS
Host RCOMP: These pins are used to calibrate the Host AGTL+ I/O buffers.
HX_SWING
HY_SWING
I
Host Voltage Swing: These pins provide a reference voltage used by the PSB
RCOMP circuit. HX_SWING is used for the signals handled by HX_RCOMP, and
HY_SWING is used for the signals handled by HY_RCOMP.
SM_VREF
I
Memory Reference Voltage: Reference voltage input for DQ, DQS &
SRCVEN_IN#.
SMXRCOMP
SMYRCOMP
I/O
CMOS
Memory RCOMP: These pins are used to calibrate the memory I/O buffers.
AGP_VREF
I
AGP Reference: The reference voltage for the AGP/DVO I/O buffers is 0.75 V.
AGP_RCOMP
I/O
CMOS
Compensation for AGP: This signal is used to calibrate the AGP/DVO buffers.
This signal should be connected to ground through a 40
Ω pull-down resistor.
HI_VREF
I
HI Reference: Reference voltage input for the hub interface.
HI_RCOMP
I/O
CMOS
Compensation for HI: This signal is used to calibrate the hub interface I/O
buffers. This signal should be connected to 1.5 V through a 68.1
Ω 1% pull-up
resistor
HI_SWING
I
HI Voltage Swing: This signal provides a reference voltage used by the
HI_RCOMP circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com