Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

845GL Datasheet(PDF) 89 Page - Intel Corporation

Part # 845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

845GL Datasheet(HTML) 89 Page - Intel Corporation

Back Button 845GL Datasheet HTML 85Page - Intel Corporation 845GL Datasheet HTML 86Page - Intel Corporation 845GL Datasheet HTML 87Page - Intel Corporation 845GL Datasheet HTML 88Page - Intel Corporation 845GL Datasheet HTML 89Page - Intel Corporation 845GL Datasheet HTML 90Page - Intel Corporation 845GL Datasheet HTML 91Page - Intel Corporation 845GL Datasheet HTML 92Page - Intel Corporation 845GL Datasheet HTML 93Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 193 page
background image
Intel® 82845G/82845GL/82845GV GMCH Datasheet
89
Register Description
3.5.2.19
PMBASE1—Prefetchable Memory Base Address Register (Device 1)
Address Offset:
24–25h
Default Value:
FFF0h
Access:
R/W
Size:
16 bits
This register controls the processor to PCI_B prefetchable memory accesses routing based on the
following formula:
PREFETCHABLE_MEMORY_BASE
≤ address ≤ PREFETCHABLE_MEMORY_LIMIT
The upper 12 bits of the register are read/write and correspond to the upper 12 address bits
A[31:20] of the 32-bit address. The bottom four bits of this register are read only and return zeros
when read. This register must be initialized by the configuration software. For the purpose of
address decode, address bits A[19:0] are assumed to be 0. Thus, the bottom of the defined memory
address range will be aligned to a 1-MB boundary.
3.5.2.20
PMLIMIT1—Prefetchable Memory Limit Address Register (Device 1)
Address Offset:
26–27h
Default Value:
0000h
Access:
RO, R/W
Size:
16 bits
This register controls the processor to PCI_B prefetchable memory accesses routing based on the
following formula:
PREFETCHABLE_MEMORY_BASE
≤ address ≤ PREFETCHABLE_MEMORY_LIMIT
The upper 12 bits of the register are read/write and correspond to the upper 12 address bits
A[31:20] of the 32-bit address. The bottom four bits of this register are read-only and return zeroes
when read. This register must be initialized by the configuration software. For the purpose of
address decode, address bits A[19:0] are assumed to be FFFFFh. Thus, the top of the defined
memory address range will be at the top of a 1-MB aligned memory block. Note that prefetchable
memory range is supported to allow segregation by the configuration software between the
memory ranges that must be defined as UC and the ones that can be designated as a USWC
(i.e. prefetchable) from the processor perspective.
Bit
Description
15:4
Prefetchable Memory Address Base (PMBASE).
This field corresponds to A[31:20] of the lower
limit of the address range passed by bridge Device 1 across AGP/PCI_B.
3:0
Reserved.
Bit
Description
15:4
Prefetchable Memory Address Limit (PMLIMIT).
This field corresponds to A[31:20] of the upper
limit of the address range passed by bridge Device 1 across AGP/PCI_B.
3:0
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com