Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

845GL Datasheet(PDF) 50 Page - Intel Corporation

Part # 845GL
Description  Intel 82845G/82845GL/82845GV Graphics and Memory Controller Hub (GMCH)
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

845GL Datasheet(HTML) 50 Page - Intel Corporation

Back Button 845GL Datasheet HTML 46Page - Intel Corporation 845GL Datasheet HTML 47Page - Intel Corporation 845GL Datasheet HTML 48Page - Intel Corporation 845GL Datasheet HTML 49Page - Intel Corporation 845GL Datasheet HTML 50Page - Intel Corporation 845GL Datasheet HTML 51Page - Intel Corporation 845GL Datasheet HTML 52Page - Intel Corporation 845GL Datasheet HTML 53Page - Intel Corporation 845GL Datasheet HTML 54Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 193 page
background image
Register Description
50
Intel® 82845G/82845GL/82845GV GMCH Datasheet
3.5.1.1
VID
—Vendor Identification Register (Device 0)
Address Offset:
00–01h
Default Value:
8086h
Access:
RO
Size:
16 bits
The VID Register contains the vendor identification number. This 16-bit register combined with
the Device Identification Register uniquely identify any PCI device. Writes to this register have no
effect.
3.5.1.2
DID
—Device Identification Register (Device 0)
Address Offset:
02–03h
Default Value:
2560h
Access:
RO
Size:
16 bits
This 16-bit register combined with the Vendor Identification register uniquely identifies any PCI
device. Writes to this register have no effect.
Bit
Description
15:0
Vendor Identification (VID).
This register field contains the PCI standard identification for Intel,
8086h.
Bit
Description
15:0
Device Identification Number (DID).
This is a 16-bit value assigned to the GMCH Host-HI Bridge
Function #0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com